Electronic Components Datasheet Search
  English  ▼

X  

AD7942 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7942
Description  16-Bit Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7942 Datasheet HTML 3Page - Analog Devices AD7942 Datasheet HTML 4Page - Analog Devices AD7942 Datasheet HTML 5Page - Analog Devices AD7942 Datasheet HTML 6Page - Analog Devices AD7942 Datasheet HTML 7Page - Analog Devices AD7942 Datasheet HTML 8Page - Analog Devices AD7942 Datasheet HTML 9Page - Analog Devices AD7942 Datasheet HTML 10Page - Analog Devices AD7942 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD7988-1/AD7988-5
Rev. B | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Analog Inputs
IN+,1 IN−1 to GND
−0.3 V to VREF + 0.3 V or ±130 mA
Supply Voltage
REF, VIO to GND
−0.3 V to +6 V
VDD to GND
−0.3 V to +3 V
VDD to VIO
+3 V to −6 V
Digital Inputs to GND
−0.3 V to VIO + 0.3 V
Digital Outputs to GND
−0.3 V to VIO + 0.3 V
Storage Temperature Range
−65°C to +125°C
Junction Temperature
150°C
θJA Thermal Impedance
10-Lead MSOP
200°C/W
10-Lead LFCSP
80°C/W
θJC Thermal Impedance
10-Lead MSOP
44°C/W
10-Lead LFCSP
15°C/W
Reflow Soldering
JEDEC Standard (J-STD-020)
1
See the Analog Inputs section.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com