Electronic Components Datasheet Search
  English  ▼

X  

AD7942 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7942
Description  16-Bit Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 3 Page - Analog Devices

  AD7942 Datasheet HTML 1Page - Analog Devices AD7942 Datasheet HTML 2Page - Analog Devices AD7942 Datasheet HTML 3Page - Analog Devices AD7942 Datasheet HTML 4Page - Analog Devices AD7942 Datasheet HTML 5Page - Analog Devices AD7942 Datasheet HTML 6Page - Analog Devices AD7942 Datasheet HTML 7Page - Analog Devices AD7942 Datasheet HTML 8Page - Analog Devices AD7942 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD7988-1/AD7988-5
Rev. B | Page 3 of 24
SPECIFICATIONS
VDD = 2.5 V, VIO = 2.3 V to 5.5 V, VREF = 5 V, TA = –40°C to +125°C, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
IN+ − IN−
0
VREF
V
Absolute Input Voltage
IN+
−0.1
VREF + 0.1
V
IN−
−0.1
+0.1
V
Analog Input CMRR
fIN = 1 kHz
60
dB
Leakage Current at 25°C
Acquisition phase
1
nA
Input Impedance
See the Analog Inputs section
ACCURACY
No Missing Codes
16
Bits
Differential Linearity Error
VREF = 5 V
−0.9
±0.4
+0.9
LSB1
VREF = 2.5 V
±0.55
LSB1
Integral Linearity Error
VREF = 5 V
−1.25
±0.6
+1.25
LSB1
VREF = 2.5 V
±0.65
LSB1
Transition Noise
VREF = 5 V
0.6
LSB1
VREF = 2.5 V
1.0
LSB1
Gain Error, TMIN to TMAX2
±2
LSB1
Gain Error Temperature Drift
±0.35
ppm/°C
Zero Error, TMIN to TMAX2
−0.5
±0.08
+0.5
mV
Zero Temperature Drift
0.54
ppm/°C
Power Supply Sensitivity
VDD = 2.5 V ± 5%
±0.1
LSB1
THROUGHPUT
AD7988-1
Conversion Rate
VIO ≥ 2.3 V up to 85°C, VIO ≥ 3.3 V above 85°C up to
125°C
0
100
kSPS
Transient Response
Full-scale step
500
ns
AD7988-5
Conversion Rate
VIO ≥ 2.3 V up to 85°C, VIO ≥ 3.3 V above 85°C up to
125°C
0
500
kSPS
Transient Response
Full-scale step
400
ns
AC ACCURACY
Dynamic Range
VREF = 5 V
92
dB3
VREF = 2.5 V
87
dB3
Oversampled Dynamic Range
fO = 10 kSPS
111
dB3
Signal-to-Noise Ratio, SNR
fIN = 10 kHz, VREF = 5 V
90
91
dB3
fIN = 10 kHz, VREF = 2.5 V
86.5
dB3
Spurious-Free Dynamic Range, SFDR
fIN = 10 kHz
−110
dB3
Total Harmonic Distortion, THD
fIN = 10 kHz
−114
dB3
Signal-to-(Noise + Distortion), SINAD
fIN = 10 kHz, VREF = 5 V
91.5
dB3
fIN = 10 kHz, VREF = 2.5 V
87.0
dB3
1
LSB means least significant bit. With the 5 V input range, 1 LSB is 76.3 µV.
2
See the Terminology section. These specifications include full temperature range variation, but not the error contribution from the external reference.
3
All specifications in dB are referred to a full-scale input FSR. Tested with an input signal at 0.5 dB below full scale, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com