Electronic Components Datasheet Search
  English  ▼

X  

AD7942 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7942
Description  16-Bit Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 1 Page - Analog Devices

  AD7942 Datasheet HTML 1Page - Analog Devices AD7942 Datasheet HTML 2Page - Analog Devices AD7942 Datasheet HTML 3Page - Analog Devices AD7942 Datasheet HTML 4Page - Analog Devices AD7942 Datasheet HTML 5Page - Analog Devices AD7942 Datasheet HTML 6Page - Analog Devices AD7942 Datasheet HTML 7Page - Analog Devices AD7942 Datasheet HTML 8Page - Analog Devices AD7942 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
16-Bit Lower Power
PulSAR ADCs in MSOP/LFCSP (QFN)
Data Sheet
AD7988-1/AD7988-5
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Low power dissipation
AD7988-5: 3.5 mW @ 500 kSPS
AD7988-1: 700 µW @ 100 kSPS
16-bit resolution with no missing codes
Throughput: 100 kSPS/500 kSPS options
INL: ±0.6 LSB typical, ±1.25 LSB maximum
SINAD: 91.5 dB @ 10 kHz
THD: −114 dB @ 10 kHz
Pseudo differential analog input range
0 V to VREF with VREF from 2.5 V to 5.5 V
Any input range and easy to drive with the ADA4841-1
No pipeline delay
Single-supply 2.5 V operation with 1.8 V/2.5 V/3 V/5 V
logic interface
SPI-/QSPI-/MICROWIRE™-/DSP-compatible serial interface
Daisy-chain multiple ADCs
10-lead MSOP and 10-lead, 3 mm × 3 mm LFCSP (QFN),
same space as SOT-23
Wide operating temperature range: −40°C to +125°C
APPLICATIONS
Battery-powered equipment
Low power data acquisition systems
Portable medical instruments
ATE equipment
Data acquisitions
Communications
GENERAL DESCRIPTION
The AD7988-1/AD7988-5 are 16-bit, successive approximation,
analog-to-digital converters (ADC) that operate from a single
power supply, VDD. The AD7988-1 offers a 100 kSPS throughput,
and the AD7988-5 offers a 500 kSPS throughput. They are low
power, 16-bit sampling ADCs with a versatile serial interface
port. On the CNV rising edge, they sample an analog input,
IN+, between 0 V to VREF with respect to a ground sense, IN−.
The reference voltage, REF, is applied externally and can be set
independent of the supply voltage, VDD.
The SPI-compatible serial interface also features the ability to
daisy-chain several ADCs on a single 3-wire bus using the SDI
input. It is compatible with 1.8 V, 2.5 V, 3 V, or 5 V logic using
the separate supply, VIO.
The AD7988-1/AD7988-5 generics are housed in a 10-lead
MSOP or a 10-lead LFCSP (QFN) with operation specified
from −40°C to +125°C.
Table 1. MSOP, LFCSP (QFN) 14-/16-/18-Bit PulSAR® ADCs
Bits
100 kSPS
250 kSPS
400 kSPS to
500 kSPS
≥1000
kSPS
ADC Driver
181
AD76912
AD76902
AD79822
AD79842
ADA4941-1
ADA4841-1
161
AD7684
AD76872
AD76882
AD76932
ADA4941-1
ADA4841-1
163
AD7680
AD7683
AD7988-12
AD76852
AD7694
AD76862
AD7988-52
AD79802
ADA4841-1
ADA4841-1
ADA4841-1
143
AD7940
AD79422
AD79462
ADA4841-1
1
True differential.
2
Pin-for-pin compatible.
3
Pseudo differential.
TYPICAL APPLICATION DIAGRAM
REF
GND
VDD
IN+
IN–
VIO
SDI
SCK
SDO
CNV
1.8V TO 5.5V
3- OR 4-WIRE INTERFACE
(SPI, DAISY CHAIN, CS)
2.5V TO 5V
2.5V
0V TO VREF
AD7988-1/
AD7988-5
Figure 1.


Similar Part No. - AD7942

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7942 AD-AD7942 Datasheet
480Kb / 20P
3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
6/04-Revision 0
AD7942 AD-AD7942 Datasheet
526Kb / 24P
16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
AD7942 AD-AD7942 Datasheet
555Kb / 24P
14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
REV. B
AD7942 AD-AD7942 Datasheet
292Kb / 12P
16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7942 AD-AD7942 Datasheet
421Kb / 16P
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
More results

Similar Description - AD7942

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V256SA IDT-IDT71V256SA_04 Datasheet
478Kb / 8P
Lower Power 3.3V CMOS Fast SRAM 256K (32K x 8-Bit)
logo
Analog Devices
AD7988-1_1208 AD-AD7988-1_1208 Datasheet
503Kb / 24P
16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
logo
Kersemi Electronic Co.,...
MBR1090CT KERSEMI-MBR1090CT Datasheet
1Mb / 4P
Lower power losses, high efficiency
logo
Texas Instruments
DAC8571IDGKRG4 TI1-DAC8571IDGKRG4 Datasheet
1Mb / 31P
16-BIT, LOW POWER, VOLTAGE OUTPUT
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
Ultra Low Power 16-bit Microcontroller
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503H LAPIS-ML620Q503H Datasheet
903Kb / 35P
Ultra Low Power 16-bit Microcontrolle
logo
Analog Devices
AD7988-1 AD-AD7988-1_17 Datasheet
577Kb / 24P
16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
Oct-2017
logo
Renesas Technology Corp
71V256SA RENESAS-71V256SA Datasheet
190Kb / 9P
Lower Power 3.3V CMOS Fast SRAM 256K (32K x 8-Bit)
Jun.02.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com