Electronic Components Datasheet Search
  English  ▼

X  

ADIS16480AMLZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16480AMLZ
Description  Ten Degrees of Freedom Inertial Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16480AMLZ Datasheet(HTML) 4 Page - Analog Devices

  ADIS16480AMLZ Datasheet HTML 1Page - Analog Devices ADIS16480AMLZ Datasheet HTML 2Page - Analog Devices ADIS16480AMLZ Datasheet HTML 3Page - Analog Devices ADIS16480AMLZ Datasheet HTML 4Page - Analog Devices ADIS16480AMLZ Datasheet HTML 5Page - Analog Devices ADIS16480AMLZ Datasheet HTML 6Page - Analog Devices ADIS16480AMLZ Datasheet HTML 7Page - Analog Devices ADIS16480AMLZ Datasheet HTML 8Page - Analog Devices ADIS16480AMLZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ADIS16480
Data Sheet
Rev. 0 | Page 4 of 40
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
MAGNETOMETER
Dynamic Range
±2.5
gauss
Sensitivity
0.1
mgauss/LSB
Initial Sensitivity Tolerance
±2
%
Sensitivity Temperature Coefficient
1 σ
275
ppm/°C
Misalignment
Axis to axis
0.25
Degrees
Axis to frame (package)
0.5
Degrees
Nonlinearity
Best fit straight line
0.5
% of FS
Initial Bias Error
0 gauss stimulus
±15
mgauss
Bias Temperature Coefficient
−40°C ≤ TA ≤ +85°C, 1 σ
0.3
mgauss/°C
Output Noise
No filtering
0.45
mgauss
Noise Density
f = 25 Hz, no filtering
0.054
mgauss/√Hz
3 dB Bandwidth
330
Hz
BAROMETER
Pressure Range
300
1100
mbar
Extended
10
1200
mbar
Sensitivity
BAROM_OUT and BAROM_LOW (32-bit)
6.1 × 10−7
mbar/LSB
Error with Supply
0.04
%/V
Total Error
4.5
mbar
Relative Error2
−40°C to +85°C
2.5
mbar
Linearity3
Best fit straight line, FS = 1100 mbar
0.1
% of FS
−40°C to +85°C
0.2
% of FS
Linear-g Sensitivity
±1 g, 1 σ
0.005
mbar/g
Noise
0.025
mbar rms
TEMPERATURE SENSOR
Scale Factor
Output = 0x0000 at 25°C (±5°C)
0.00565
°C/LSB
LOGIC INPUTS4
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
CS Wake-Up Pulse Width
20
µs
Logic 1 Input Current, IIH
VIH = 3.3 V
10
µA
Logic 0 Input Current, IIL
VIL = 0 V
All Pins Except RST
10
µA
RST Pin
0.33
mA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage, VOH
ISOURCE = 0.5 mA
2.4
V
Output Low Voltage, VOL
ISINK = 2.0 mA
0.4
V
FLASH MEMORY
Endurance5
100,000
Cycles
Data Retention6
TJ = 85°C
20
Years
FUNCTIONAL TIMES7
Time until inertial sensor data is available
Power-On Start-Up Time
400 ± 160
ms
Reset Recovery Time
400 ±
160
ms
Sleep Mode Recovery Time
700
µs
Flash Memory Update Time
1.1
6.8
sec
Flash Memory Test Time
53
ms
Automatic Self-Test Time
Using internal clock, 100 SPS
12
ms
CONVERSION RATE
2.46
kSPS
Initial Clock Accuracy
0.02
%
Temperature Coefficient
40
ppm/°C
Sync Input Clock8
0.7
2.4
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com