Electronic Components Datasheet Search
  English  ▼

X  

ADIS16480AMLZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADIS16480AMLZ
Description  Ten Degrees of Freedom Inertial Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16480AMLZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADIS16480AMLZ Datasheet HTML 2Page - Analog Devices ADIS16480AMLZ Datasheet HTML 3Page - Analog Devices ADIS16480AMLZ Datasheet HTML 4Page - Analog Devices ADIS16480AMLZ Datasheet HTML 5Page - Analog Devices ADIS16480AMLZ Datasheet HTML 6Page - Analog Devices ADIS16480AMLZ Datasheet HTML 7Page - Analog Devices ADIS16480AMLZ Datasheet HTML 8Page - Analog Devices ADIS16480AMLZ Datasheet HTML 9Page - Analog Devices ADIS16480AMLZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADIS16480
Data Sheet
Rev. 0 | Page 6 of 40
TIMING SPECIFICATIONS
TA = 25°C, VDD = 3.3 V, unless otherwise noted.
Table 2.
Normal Mode
Parameter
Description
Min1
Typ
Max1
Unit
fSCLK
Serial clock
0.01
15
MHz
tSTALL
Stall period between data
2
μs
tCLS
Serial clock low period
31
ns
tCHS
Serial clock high period
31
ns
t
CS
Chip select to clock edge
32
ns
tDAV
DOUT valid after SCLK edge
10
ns
tDSU
DIN setup time before SCLK rising edge
2
ns
tDHD
DIN hold time after SCLK rising edge
2
ns
tDR, tDF
DOUT rise/fall times, ≤100 pF loading
3
8
ns
tDSOE
CS assertion to data out active
0
11
ns
tHD
SCLK edge to data out invalid
0
ns
tDSHI
CS deassertion to data out high impedance
0
9
ns
t1
Input sync pulse width
5
μs
t2
Input sync to data-ready output
490
μs
t3
Input sync period
417
μs
1 Guaranteed by design and characterization, but not tested in production.
Timing Diagrams
CS
SCLK
DOUT
DIN
1
2
3
4
5
6
15
16
R/W
A5
A6
A4
A3
A2
D2
MSB
DB14
D1
LSB
DB13
DB12
DB10
DB11
DB2
LSB
DB1
tCS
tDSHI
tDAV
tHD
tCHS
tCLS
tDSOE
tDHD
tDSU
Figure 2. SPI Timing and Sequence
CS
SCLK
tSTALL
Figure 3. Stall Time and Data Rate
t3
t2
t1
SYNC
CLOCK (CLKIN)
DATA
READY
OUTPUT
REGISTERS
DATA VALID
DATA VALID
Figure 4. Input Clock Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com