Electronic Components Datasheet Search
  English  ▼

X  

ADIS16480AMLZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16480AMLZ
Description  Ten Degrees of Freedom Inertial Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16480AMLZ Datasheet(HTML) 5 Page - Analog Devices

  ADIS16480AMLZ Datasheet HTML 1Page - Analog Devices ADIS16480AMLZ Datasheet HTML 2Page - Analog Devices ADIS16480AMLZ Datasheet HTML 3Page - Analog Devices ADIS16480AMLZ Datasheet HTML 4Page - Analog Devices ADIS16480AMLZ Datasheet HTML 5Page - Analog Devices ADIS16480AMLZ Datasheet HTML 6Page - Analog Devices ADIS16480AMLZ Datasheet HTML 7Page - Analog Devices ADIS16480AMLZ Datasheet HTML 8Page - Analog Devices ADIS16480AMLZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
ADIS16480
Rev. 0 | Page 5 of 40
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY, VDD
Operating voltage range
3.0
3.6
V
Power Supply Current9
Normal mode, VDD = 3.3 V, µ ± σ
254
mA
Sleep mode, VDD = 3.3 V
12.2
mA
Power-down mode, VDD = 3.3 V
45
µA
POWER SUPPLY, VDDRTC
Operating voltage range
3.0
3.6
V
Real-Time Clock Supply Current
Normal mode, VDDRTC = 3.3 V
13
µA
1
Accuracy specifications assume calibration of accelerometers and magnetometers to address sensor drift and local influences on magnetic fields.
2
The relative error assumes that the initial error, at 25°C, is corrected in the end application.
3
Linearity errors assume a full scale (FS) of 1000 mbar.
4
The digital I/O signals are driven by an internal 3.3 V supply, and the inputs are 5 V tolerant.
5
Endurance is qualified as per JEDEC Standard 22, Method A117, and measured at −40°C, +25°C, +85°C, and +125°C.
6
The data retention specification assumes a junction temperature (TJ) of 85°C as per JEDEC Standard 22, Method A117. Data retention lifetime decreases with TJ.
7
These times do not include thermal settling, internal filter response times, or EKF start-up times (~825 ms), which may affect overall accuracy, with respect to time.
8
The device functions at clock rates below 0.7 kHz, but at reduced performance levels.
9
Supply current transients can reach 450 mA for 400 µs during start-up and reset recovery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com