Electronic Components Datasheet Search
  English  ▼

X  

ADL5367 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5367
Description  2300 MHz to 2900 MHz Balanced Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5367 Datasheet HTML 10Page - Analog Devices ADL5367 Datasheet HTML 11Page - Analog Devices ADL5367 Datasheet HTML 12Page - Analog Devices ADL5367 Datasheet HTML 13Page - Analog Devices ADL5367 Datasheet HTML 14Page - Analog Devices ADL5367 Datasheet HTML 15Page - Analog Devices ADL5367 Datasheet HTML 16Page - Analog Devices ADL5367 Datasheet HTML 17Page - Analog Devices ADL5367 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADL5363
Rev. 0 | Page 14 of 24
3.3 V PERFORMANCE
VS = 3.3 V, IS = 60 mA, TA = 25°C, fRF = 2535 MHz, fLO = 2738 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, and ZO = 50 Ω, unless
otherwise noted.
67
65
63
61
57
59
56
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
TA = +25°C
TA = –40°C
TA = +85°C
Figure 39. Supply Current vs. RF Frequency at 3.3 V
9.0
8.5
8.0
7.5
7.0
6.5
5.0
5.5
6.0
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 40. Power Conversion Loss vs. RF Frequency at 3.3 V
34
31
28
25
22
19
10
13
16
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 41. Input IP3 vs. RF Frequency at 3.3 V
100
90
80
70
60
50
20
30
40
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
RF FREQUENCY (GHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 42. Input IP2 vs. RF Frequency at 3.3 V
9.0
8.5
8.0
7.0
7.5
4.0
4.5
5.0
5.5
6.0
6.5
2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65
2.90
2.85
2.80
2.75
2.70
FREQUENCY (GHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 43. SSB Noise Figure vs. RF Frequency at 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com