Electronic Components Datasheet Search
  English  ▼

X  

ADL5367 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5367
Description  2300 MHz to 2900 MHz Balanced Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5367 Datasheet HTML 14Page - Analog Devices ADL5367 Datasheet HTML 15Page - Analog Devices ADL5367 Datasheet HTML 16Page - Analog Devices ADL5367 Datasheet HTML 17Page - Analog Devices ADL5367 Datasheet HTML 18Page - Analog Devices ADL5367 Datasheet HTML 19Page - Analog Devices ADL5367 Datasheet HTML 20Page - Analog Devices ADL5367 Datasheet HTML 21Page - Analog Devices ADL5367 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADL5363
Rev. 0 | Page 18 of 24
LO SUBSYSTEM
The ADL5363 has two LO inputs permitting multiple synthesizers
to be rapidly switched with extremely short switching times
(<40 ns) for frequency agile applications. The two inputs are
applied to a high isolation SPDT switch that provides a constant
input impedance, regardless of whether the port is selected, to
avoid pulling the LO sources. This multiple section switch also
ensures high isolation to the off input, minimizing any leakage
from the unwanted LO input that may result in undesired IF
responses.
The single-ended LO input is converted to a fixed amplitude
differential signal using a multistage, limiting LO amplifier.
This results in consistent performance over a range of LO input
power. Optimum performance is achieved from −6 dBm to
+10 dBm, but the circuit continues to function at considerably
lower levels of LO input power.
The performance of this amplifier is critical in achieving a
high intercept passive mixer without degrading the noise floor
of the system. This is a critical requirement in an interferer rich
environment, such as cellular infrastructure, where blocking
interferers can limit mixer performance. The bandwidth of the
intermodulation performance is somewhat influenced by the
current in the LO amplifier chain. For dc current sensitive
applications, it is permissible to reduce the current in the
LO amplifier by raising the value of the external bias control
resistor. For dc current critical applications, the LO chain
can operate with a supply voltage as low as 3.3 V, resulting in
substantial dc power savings.
In addition, when operating with supply voltages below 3.6 V,
the ADL5363 has a power-down mode that permits the dc
current to drop to <200 μA.
All of the logic inputs are designed to work with any logic family
that provides a Logic 0 input level of less than 0.4 V and a Logic 1
input level that exceeds 1.4 V. All logic inputs are high impedance
up to Logic 1 levels of 3.3 V. At levels exceeding 3.3 V, protection
circuitry permits operation up to 5.5 V, although a small bias
current is drawn.
All pins, including the RF pins, are ESD protected and have
been tested up to a level of 1500 V HBM and 1250 V CDM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com