Electronic Components Datasheet Search
  English  ▼

X  

ADL5367 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5367
Description  2300 MHz to 2900 MHz Balanced Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5367 Datasheet HTML 16Page - Analog Devices ADL5367 Datasheet HTML 17Page - Analog Devices ADL5367 Datasheet HTML 18Page - Analog Devices ADL5367 Datasheet HTML 19Page - Analog Devices ADL5367 Datasheet HTML 20Page - Analog Devices ADL5367 Datasheet HTML 21Page - Analog Devices ADL5367 Datasheet HTML 22Page - Analog Devices ADL5367 Datasheet HTML 23Page - Analog Devices ADL5367 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADL5363
Rev. 0 | Page 23 of 24
OUTLINE DIMENSIONS
COMPLIANT
TO JEDEC STANDARDS MO-220-VHHC
1
0.65
BSC
PIN 1
INDICATOR
2.60 BSC
0.75
0.60
0.50
TOP VIEW
12° MAX
SEATING
PLANE
PIN 1
INDICATOR
COPLANARITY
0.05
0.90
0.85
0.80
0.35
0.28
0.23
0.05 MAX
0.01 NOM
0.20 REF
0.70
0.65
0.60
3.20
3.10 SQ
3.00
20
6
16
10
11
15
5
EXPOSED
PAD
(BOTTOM VIEW)
0.60 MAX
0.60 MAX
5.00
BSC SQ
4.75
BSC SQ
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 55. 20-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
5 mm × 5 mm Body, Very Thin Quad
(CP-20-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Ordering Quantity
ADL5363ACPZ-R7
−40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
7”Tape and Reel
CP-20-5
1,500
ADL5363-EVALZ
Evaluation Board
1
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com