Electronic Components Datasheet Search
  English  ▼

X  

ADP1876 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1876
Description  600 kHz Dual Output Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1876 Datasheet HTML 5Page - Analog Devices ADP1876 Datasheet HTML 6Page - Analog Devices ADP1876 Datasheet HTML 7Page - Analog Devices ADP1876 Datasheet HTML 8Page - Analog Devices ADP1876 Datasheet HTML 9Page - Analog Devices ADP1876 Datasheet HTML 10Page - Analog Devices ADP1876 Datasheet HTML 11Page - Analog Devices ADP1876 Datasheet HTML 12Page - Analog Devices ADP1876 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADP1876
Rev. A | Page 9 of 24
Pin No.
Mnemonic
Description
17
SW2
Switch Node for Channel 2. Connect to the source of the high-side N-channel MOSFET and the drain of the low-
side N-channel MOSFET of Channel 2.
18
DH2
High-Side Switch Gate Driver Output for Channel 2.
19
PGND2
Power Ground for Channel 2. Ground for Internal Channel 2 driver. Differential current is sensed between SW2 and
PGND2. Directly shorting PGND2 to PGND1 is not recommended.
20
DL2
Low-Side Synchronous Rectifier Gate Driver Output for Channel 2. To set the gain of the current sense amplifier,
connect a resistor between DL2 and PGND2.
21
DL1
Low-Side Synchronous Rectifier Gate Driver Output for Channel 1. To set the gain of the current sense amplifier,
connect a resistor between DL1 and PGND1.
22
PGND1
Power Ground for Channel 1. Ground for internal Channel 1 driver. Differential current is sensed between SW1 and
PGND1. Directly shorting PGND2 to PGND1 is not recommended.
23
DH1
High-Side Switch Gate Driver Output for Channel 1.
24
SW1
Power Switch Node for Channel 1. Connect SW1 to the source of the high-side N-channel MOSFET and the drain of
the low-side N-channel MOSFET of Channel 1.
25
BST1
Boot Strapped Upper Rail of High-Side Internal Driver for Channel 1. Connect a 0.1µF to 0.22 µF multilayer ceramic
capacitor (MLCC) between BST1 and SW1. There is an internal boost diode or rectifier connected between VDL
and BST1.
26
ILIM1
Current-Limit Sense Comparator Inverting Input for Channel 1. Connect a resistor between ILIM1 and SW1 to set
the current-limit offset. For accurate current-limit sensing, connect ILIM1 to a current sense resistor at the source of
the low-side MOSFET.
27
PGOOD1
Open-Drain Power-good Indicator Logic Output. PGOOD1 includes an internal 12 kΩ resistor connected between
PGOOD1 and VCCO. PGOOD1 is pulled to ground when the Channel 1 output is outside the regulation window. An
external pull-up resistor is not required.
28
SS1
Soft Start Input for Channel 1. Connect a capacitor from SS1 to AGND to set the soft start period. This node is
internally pulled up to 3.2 V through a 6.5 µA current source.
29
RAMP1
Programmable Current Setting for Channel 1 Slope Compensation. Connect a resistor from RAMP1 to VIN. The
voltage at RAMP1 is 0.2 V during operation. This pin is high impedance when the channel is disabled.
30
COMP1
Compensation Node For Channel 1. Output of Channel 1 error amplifier. Connect a series resistor/capacitor
network from COMP1 to AGND to compensate the regulation control loop.
31
FB1
Output Voltage Feedback for Channel 1.
32
TRK1
Tracking Input for Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com