Electronic Components Datasheet Search
  English  ▼

X  

ADP1876 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1876
Description  600 kHz Dual Output Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1876 Datasheet HTML 12Page - Analog Devices ADP1876 Datasheet HTML 13Page - Analog Devices ADP1876 Datasheet HTML 14Page - Analog Devices ADP1876 Datasheet HTML 15Page - Analog Devices ADP1876 Datasheet HTML 16Page - Analog Devices ADP1876 Datasheet HTML 17Page - Analog Devices ADP1876 Datasheet HTML 18Page - Analog Devices ADP1876 Datasheet HTML 19Page - Analog Devices ADP1876 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADP1876
Data Sheet
Rev. A | Page 16 of 24
THERMAL OVERLOAD PROTECTION
The ADP1876 has an internal temperature sensor that senses
the junction temperature of the chip. When the junction tem-
perature of the ADP1876 reaches approximately 155°C, the
ADP1876 enters thermal shutdown, where the converter,
VCCO, and VOUTLDO are turned off and SSx discharges
toward zero through an internal 1 kΩ resistor. When the
junction temperature drops below 135°C, the ADP1876
resumes normal operation after the soft start sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com