Electronic Components Datasheet Search
  English  ▼

X  

ADP1876 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1876
Description  600 kHz Dual Output Synchronous Buck
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1876 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1876 Datasheet HTML 16Page - Analog Devices ADP1876 Datasheet HTML 17Page - Analog Devices ADP1876 Datasheet HTML 18Page - Analog Devices ADP1876 Datasheet HTML 19Page - Analog Devices ADP1876 Datasheet HTML 20Page - Analog Devices ADP1876 Datasheet HTML 21Page - Analog Devices ADP1876 Datasheet HTML 22Page - Analog Devices ADP1876 Datasheet HTML 23Page - Analog Devices ADP1876 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADP1876
Data Sheet
Rev. A | Page 22 of 24
Because the zero produced by the ESR of the output capacitor is
not needed to stabilize the control loop, assuming ESR is small,
the ESR is ignored for analysis. Then, ZFILTER is given by
OUT
FILTER
sC
Z
1
=
(3)
Because CC2 is small relative to CCOMP, ZCOMP can be simplified to
COMP
COMP
COMP
COMP
COMP
COMP
sC
C
sR
sC
R
Z
×
+
=
+
=
1
1
(4)
At the crossover frequency, the open-loop transfer function is
unity of 0 dB, H (fCROSS) = 1. Combining Equation 1 and Equa-
tion 3, ZCOMP at the crossover frequency can be written as
)
)(
2
(
)
(
REF
OUT
OUT
CS
m
CROSS
CROSS
COMP
V
V
C
G
g
f
f
Z
×
×
×
π
=
(5)
The zero produced by RCOMP and CCOMP is
COMP
COMP
ZERO
C
R
f
×
π
=
2
1
(6)
At the crossover frequency, Equation 4 can be shown as
CROSS
ZERO
CROSS
COMP
CROSS
COMP
f
f
f
R
f
Z
2
)
(
2
+
×
=
(7)
Combining Equation 5 and Equation 7 and solving for RCOMP
gives
)
(
)
2
(
REF
OUT
OUT
CS
m
CROSS
ZERO
CROSS
CROSS
COMP
V
V
C
G
g
f
f
f
f
R
×
×
×
×
π
×
+
=
(8)
Choose the crossover and zero frequencies as follows:
12
SW
CROSS
f
f
=
(9)
48
4
SW
CROSS
ZERO
f
f
f
=
=
(10)
Substituting Equation 2, Equation 9, and Equation 10 into
Equation 8 yields


×
×


×
π
×
×
=
REF
OUT
OUT
m
CROSS
DSON
CS
COMP
V
V
C
g
f
R
A
R
2
97
.
0
(11)
where:
gm is the transconductance of the error amplifer, 500 µS.
ACS is the current sense gain of 3 V/V, 6 V/V, 12 V/V, or 24 V/V.
RDSON is the on resistance of the low-side MOSFET.
VREF = 0.6 V.
And combining Equation 6 and Equation 10 yields
CROSS
COMP
COMP
f
R
C
×
π
=
2
(12)
Note that the previous simplified compensation equations for
RCOMP and CCOMP yield reasonable results in fCROSS and phase
margin assuming that the compensation ramp current is ideal.
Varying the ramp current, or deviating the ramp current from
ideal, can affect fCROSS and phase margin.
Lastly, set CC2 to
COMP
C
COMP
C
C
C
×
≤
≤
×
10
1
20
1
2
(13)
SWITCHING NOISE AND OVERSHOOT REDUCTION
In any high speed step-down regulator, high frequency noise
(generally in the range of 50 MHz to 100 MHz) and voltage
overshoot are always present at the gate, the switch node (SW),
and the drains of the external MOSFETs. The high frequency
noise and overshoot are caused by the parasitic capacitance,
CGD, of the external MOSFET as well as the parasitic inductance
of the gate trace and the packages of the MOSFETs. When the
high current is switched, electromagnetic interference (EMI) is
generated, which can affect the operation of the surrounding
circuits. To reduce voltage ringing and noise, it is recommended
to add an RC snubber between SWx and PGNDx for high current
applications, as illustrated in Figure 32.
In most applications, RSNUB is typically 2 Ω to 4 Ω, and CSNUB is
typically 1.2 nF to 3 nF.
RSNUB can be estimated by
OSS
MOSFET
SNUB
C
L
R
2
≅
And CSNUB can be estimated by
OSS
SNUB
C
C
≅
where:
LMOSFET is the total parasitic inductance of the high-side and low-
side MOSFETs, typically 3 nH, and is package dependent.
COSS is the total output capacitance of the high-side and low-side
MOSFETs given in the MOSFET data sheet.
The size of the RC snubber components need to be chosen
correctly to handle the power dissipation. The power dissipated
in RSNUB is
RSNUB = VIN2 × CSNUB × fSW
In most applications, a component size 0805 for RSNUB is sufficient.
However, the use of an RC snubber reduces the overall efficiency,
generally by an amount in the range of 0.1% to 0.5%. The RC
snubber does not reduce the voltage overshoot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com