Electronic Components Datasheet Search
  English  ▼

X  

ADP2371 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2371
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2371 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2371 Datasheet HTML 4Page - Analog Devices ADP2371 Datasheet HTML 5Page - Analog Devices ADP2371 Datasheet HTML 6Page - Analog Devices ADP2371 Datasheet HTML 7Page - Analog Devices ADP2371 Datasheet HTML 8Page - Analog Devices ADP2371 Datasheet HTML 9Page - Analog Devices ADP2371 Datasheet HTML 10Page - Analog Devices ADP2371 Datasheet HTML 11Page - Analog Devices ADP2371 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADP2370/ADP2371
Data Sheet
Rev. A | Page 8 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
BUCK OUTPUT
Using recommended inductor values, IOUT = 10 mA, CIN = COUT = 10 µF, automatic PSM/PWM mode, TA = 25°C, unless otherwise noted.
0
5
10
15
20
25
3
4
5
6
7
8
9
10
11
12
13
14
15
16
INPUT VOLTAGE (V)
–40°C
–5°C
+25°C
+85°C
+125°C
Figure 3. Quiescent Supply Current vs. Input Voltage, Nonswitching,
Different Temperatures
500
600
550
650
700
750
800
3
4
5
6
7
8
9
10
11
12
13
14
15
INPUT VOLTAGE (V)
–40°C
–5°C
+25°C
+85°C
+125°C
Figure 4. FPWM Quiescent Supply Current vs. Input Voltage, Nonswitching,
Different Temperatures
0.55
0.57
0.59
0.61
0.63
0.65
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
–45
–25
–5
15
35
55
75
95
115
135
TEMPERATURE (°C)
1.2MHz
600kHz
Figure 5. Switching Frequency vs. Temperature, FPWM Mode, VIN = 8 V
0.55
0.57
0.59
0.61
0.63
0.65
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
3
5
7
9
11
13
15
TEMPERATURE (°C)
1.2MHz
600kHz
Figure 6. Switching Frequency vs. Input Voltage, FPWM Mode
3.10
3.15
3.20
3.25
3.30
3.35
3.40
–40
–5
25
85
125
TEMPERATURE (°C)
0.1mA
1mA
5mA
10mA
50mA
100mA
300mA
800mA
Figure 7. Output Voltage vs. Temperature, VOUT = 3.3 V, VIN = 7.3 V,
Different Loads
–40
–5
25
85
125
TEMPERATURE (°C)
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
0.1mA
1mA
5mA
10mA
50mA
100mA
300mA
800mA
Figure 8. Output Voltage vs. Temperature, VOUT = 5 V, VIN = 7.2 V,
Different Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com