Electronic Components Datasheet Search
  English  ▼

X  

ADP2371 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP2371
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2371 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP2371 Datasheet HTML 20Page - Analog Devices ADP2371 Datasheet HTML 21Page - Analog Devices ADP2371 Datasheet HTML 22Page - Analog Devices ADP2371 Datasheet HTML 23Page - Analog Devices ADP2371 Datasheet HTML 24Page - Analog Devices ADP2371 Datasheet HTML 25Page - Analog Devices ADP2371 Datasheet HTML 26Page - Analog Devices ADP2371 Datasheet HTML 27Page - Analog Devices ADP2371 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADP2370/ADP2371
Data Sheet
Rev. A | Page 24 of 32
M2.00µs A CH2
–57.0mV
T
20.0%
CH1 5.00V BW
CH3 200mA
Ω BW CH4 5.00V
B
W
CH2 50.0mV
B
W
SW
VOUT
INDUCTOR CURRENT
SYNC
1
2
3
4
Figure 79. SYNC Transient 800 kHz to 1.2 MHz
POWER GOOD
The ADP2370/ADP2371 power-good (PG) output indicates the
state of the monitored output voltage. The PG function is an active
high, open-drain output, requiring an external pull-up resistor that
is typically supplied from the I/O supply rail, as shown in Figure 1.
When the sensed output voltage is below 87% of its nominal value,
the PG pin is held low. When the sensed output voltage rises above
92% of the nominal level, the PG line is pulled high after tRESET.
The PG pin remains high when the sensed output voltage is
above 92% of the nominal output voltage level.
The typical PG delay when the buck is in PWM mode is 20 μs.
Figure 80 shows the typical PG operation during startup. Figure 81
shows the PG operation when there is a large load transient that
causes the output voltage to fall just below the PG threshold.
When not using the PG function, remove the pull-up resistor
and leave the PG pin either open or shorted to ground.
M40.0µs
A CH3
3.40V
T
10.00%
CH1 500mV BW
CH3 5.00V BW
CH2 1.00V BW
VOUT
PG
ENABLE
3
2
1
Figure 80. Typical PG Timing at Startup
M1.00µs
A CH3
740mA
T
10.00%
CH1 500mV
B
W
CH3
500mAΩ BW
CH2 1.00V BW
VOUT
PG
LOAD CURRENT
1
2
3
Figure 81. Typical PG Timing with 200 mA to 1100 mA Load Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com