Electronic Components Datasheet Search
  English  ▼

X  

ADP2371 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2371
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2371 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2371 Datasheet HTML 13Page - Analog Devices ADP2371 Datasheet HTML 14Page - Analog Devices ADP2371 Datasheet HTML 15Page - Analog Devices ADP2371 Datasheet HTML 16Page - Analog Devices ADP2371 Datasheet HTML 17Page - Analog Devices ADP2371 Datasheet HTML 18Page - Analog Devices ADP2371 Datasheet HTML 19Page - Analog Devices ADP2371 Datasheet HTML 20Page - Analog Devices ADP2371 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
ADP2370/ADP2371
Rev. A | Page 17 of 32
M100µs
A CH1
2.50V
T
10.00%
CH1 5.00V BW
CH3 500mA
Ω BW
CH2 500mV BW
VIN
VOUT
INDUCTOR CURRENT
1
2
3
Figure 57. Startup, VOUT = 1.2 V, 800 mA, VIN = 5 V
M100µs
A CH1
2.50V
T
10.00%
CH1 5.00V BW
CH3 200mA
Ω BW
CH2 2.00mV BW
VIN
VOUT
INDUCTOR CURRENT
1
2
3
Figure 58. Startup, VOUT = 5 V, 10 mA, VIN = 7 V
M100µs
A CH1
2.50V
T
10.00%
CH1 5.00V BW
CH3 500mA
Ω BW
CH2 2.00mV BW
VIN
VOUT
INDUCTOR CURRENT
1
2
3
Figure 59. Startup, VOUT = 5 V, 800 mA, VIN = 7 V
0
50
100
150
200
250
3
5
7
9
11
13
15
INPUT VOLTAGE (V)
–40°C
–5°C
+25°C
+85°C
+125°C
Figure 60. PSM to PWM Mode Transition vs. Input Voltage,
Different Temperatures
800
850
900
950
1000
1050
1100
1150
1200
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
5.4V
7.2V
12.0V
15.0V
Figure 61. Overcurrent Limit vs. Temperature, VOUT = 5 V,
Different Input Voltages
0
0.02
0.04
0.05
0.01
0.03
0
100
200
300
400
500
600
700
800
LOAD CURRENT (mA)
3.2V
5.0V
9.0V
15V
Figure 62. Output Ripple vs. Load Current, VOUT = 1.2 V, Different Input
Voltages, Automatic Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com