Electronic Components Datasheet Search
  English  ▼

X  

ADP5040 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5040
Description  Micro PMU with 1.2 A Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5040 Datasheet(HTML) 5 Page - Analog Devices

  ADP5040 Datasheet HTML 1Page - Analog Devices ADP5040 Datasheet HTML 2Page - Analog Devices ADP5040 Datasheet HTML 3Page - Analog Devices ADP5040 Datasheet HTML 4Page - Analog Devices ADP5040 Datasheet HTML 5Page - Analog Devices ADP5040 Datasheet HTML 6Page - Analog Devices ADP5040 Datasheet HTML 7Page - Analog Devices ADP5040 Datasheet HTML 8Page - Analog Devices ADP5040 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
ADP5040
Rev. 0 | Page 5 of 40
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
POWER SUPPLY REJECTION
RATIO
PSRR
1 kHz, VIN2, VIN3 = 3.3 V, VOUT2, VOUT3 = 2.8 V,
IOUT = 100 mA
66
dB
100 kHz, VIN2,VIN3 = 3.3 V, VOUT2,VOUT3 = 2.8 V,
IOUT = 100 mA
57
dB
1 MHz, VIN2, VIN3 = 3.3 V, VOUT2, VOUT3 = 2.8 V,
IOUT = 100 mA
60
dB
1
All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2
This is the input current into VIN2 and VIN3, which is not delivered to the output load.
3
Based on an end-point calculation using 1 mA and 300 mA loads.
4
Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output
voltages above 1.7 V.
5
Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 3.0 V, or 2.7 V.
INPUT AND OUTPUT CAPACITOR, RECOMMENDED SPECIFICATIONS
Table 4.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CAPACITANCE (BUCK)1
CMIN1
TJ = −40°C to +125°C
4.7
40
µF
OUTPUT CAPACITANCE (BUCK)2
CMIN2
TJ = −40°C to +125°C
7
40
µF
INPUT AND OUTPUT CAPACITANCE3 (LDO1, LDO2)
CMIN34
TJ = −40°C to +125°C
0.70
µF
CAPACITOR ESR
RESR
TJ = −40°C to +125°C
0.001
1
Ω
1
The minimum input capacitance should be greater than 4.7 µF over the full range of operating conditions. The full range of operating conditions in the application
must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended, whereas
Y5V and Z5U capacitors are not recommended for use with the buck.
2
The minimum output capacitance should be greater than 7 µF over the full range of operating conditions. The full range of operating conditions in the application
must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended, whereas
Y5V and Z5U capacitors are not recommended for use with the buck.
3
The minimum input and output capacitance should be greater than 0.70 µF over the full range of operating conditions. The full range of operating conditions in the
application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended,
whereas Y5V and Z5U capacitors are not recommended for use with LDOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com