Electronic Components Datasheet Search
  English  ▼

X  

ADP5040 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5040
Description  Micro PMU with 1.2 A Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5040 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5040 Datasheet HTML 3Page - Analog Devices ADP5040 Datasheet HTML 4Page - Analog Devices ADP5040 Datasheet HTML 5Page - Analog Devices ADP5040 Datasheet HTML 6Page - Analog Devices ADP5040 Datasheet HTML 7Page - Analog Devices ADP5040 Datasheet HTML 8Page - Analog Devices ADP5040 Datasheet HTML 9Page - Analog Devices ADP5040 Datasheet HTML 10Page - Analog Devices ADP5040 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Data Sheet
ADP5040
Rev. 0 | Page 7 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
14
13
12
1
3
4
VOUT2
15 FB2
VIN2
FB1
11 VOUT1
FB3
VIN3
2
VOUT3
EN3
5
NC
ADP5040
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD MUST BE CONNECTED TO
SYSTEM GROUND PLANE.
Figure 2. Pin Configuration—View from Top of the Die
Table 7. Preliminary Pin Function Descriptions
Pin No.
Mnemonic
Description
1
FB3
LDO2 Feedback Input.
2
VOUT3
LDO2 Output Voltage.
3
VIN3
LDO2 Input Supply (1.7 V to 5.5 V).
4
EN3
Enable LDO2. EN3 = high: turn on LDO2; EN3 = low: turn off LDO2.
6
AVIN
Housekeeping Input Supply (2.3 V to 5.5 V).
7
VIN1
Buck Input Supply (2.3 V to 5.5 V).
8
SW
Buck Switching Node.
9
PGND
Dedicated Power Ground for Buck Regulator.
10
EN1
Enable Buck. EN1 = high: turn on buck; EN1 = low: turn off buck.
11
VOUT1
Buck Output Sensing Node.
12
FB1
Buck Feedback Input.
13
VIN2
LDO1 Input Supply (1.7 V to 5.5 V).
14
VOUT2
LDO1 Output Voltage.
15
FB2
LDO1 Feedback Input.
16
EN2
Enable LDO1. EN2 = high: turn on LDO1; EN2 = low: turn off LDO1.
17
MODE
Buck Mode. Mode = high: buck regulator operates in fixed PWM mode; mode = low: buck regulator operates in
power save mode (PSM) at light load and in constant PWM at higher load.
5, 18, 19, 20
NC
Not Connected.
0
EPAD
Exposed Pad. ( AGND = Analog Ground). The exposed pad must be connected to the system ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com