Electronic Components Datasheet Search
  English  ▼

X  

ADP5040 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5040
Description  Micro PMU with 1.2 A Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5040 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5040 Datasheet HTML 5Page - Analog Devices ADP5040 Datasheet HTML 6Page - Analog Devices ADP5040 Datasheet HTML 7Page - Analog Devices ADP5040 Datasheet HTML 8Page - Analog Devices ADP5040 Datasheet HTML 9Page - Analog Devices ADP5040 Datasheet HTML 10Page - Analog Devices ADP5040 Datasheet HTML 11Page - Analog Devices ADP5040 Datasheet HTML 12Page - Analog Devices ADP5040 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Data Sheet
ADP5040
Rev. 0 | Page 9 of 40
3.90
3.70
0.01
0.1
1
OUTPUT CURRENT (A)
3.72
3.74
3.76
3.78
3.80
3.82
3.84
3.86
3.88
–40°C
+25°C
+85°C
Figure 9. Buck Load Regulation Across Temperature, VOUT1 = 3.8 V,
Auto Mode
3.39
3.37
3.35
3.33
3.31
3.29
3.25
3.27
0.01
0.1
1
OUTPUT CURRENT (A)
–40°C
+25°C
+85°C
Figure 10. Buck Load Regulation Across Temperature, VOUT1 = 3.3 V,
Auto Mode
1.820
1.815
1.810
1.800
1.805
1.795
1.790
1.780
1.785
0.01
0.1
1
OUTPUT CURRENT (A)
–40°C
+25°C
+85°C
Figure 11. Buck Load Regulation Across Temperature, VOUT1 = 1.8 V,
Auto Mode
1.24
1.23
1.22
1.21
1.20
1.19
1.18
0.01
0.1
1
OUTPUT CURRENT (A)
–40°C
+25°C
+85°C
Figure 12. Buck Load Regulation Across Temperature, VOUT1 = 1.2 V,
Auto Mode
3.90
3.88
3.86
3.70
3.72
3.74
3.76
3.78
3.80
3.82
3.84
0.01
0.1
1
OUTPUT CURRENT (A)
–40°C
+25°C
+85°C
Figure 13. Buck Load Regulation Across Temperature, VOUT1 = 3.8 V,
PWM Mode
3.32
3.31
3.30
3.25
3.26
3.27
3.28
3.29
0.01
0.1
1
OUTPUT CURRENT (A)
–40°C
+25°C
+85°C
Figure 14. Buck Load Regulation Across Temperature, VOUT1 = 3.3 V,
PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com