Electronic Components Datasheet Search
  English  ▼

X  

SSM2518 Datasheet(PDF) 37 Page - Analog Devices

Part # SSM2518
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518 Datasheet(HTML) 37 Page - Analog Devices

Back Button SSM2518 Datasheet HTML 33Page - Analog Devices SSM2518 Datasheet HTML 34Page - Analog Devices SSM2518 Datasheet HTML 35Page - Analog Devices SSM2518 Datasheet HTML 36Page - Analog Devices SSM2518 Datasheet HTML 37Page - Analog Devices SSM2518 Datasheet HTML 38Page - Analog Devices SSM2518 Datasheet HTML 39Page - Analog Devices SSM2518 Datasheet HTML 40Page - Analog Devices SSM2518 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Data Sheet
SSM2518
Rev. A | Page 37 of 48
DRC CONTROL 2 REGISTER
Address: 0x0B, Reset: 0x5B, Name: DRC_Control_2
Table 24. Bit Descriptions for DRC_Control_2
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
PEAK_ATT
DRC Peak Detector Attack Time.
0x5
RW
0000
0 ms
0001
0.09 ms
0010
0.19 ms
0011
0.37 ms
0100
0.75 ms
0101
1.5 ms
0110
3 ms
0111
6 ms
1000
12 ms
1001
24 ms
1010
48 ms
1011
96 ms
1100
192 ms
1101
384 ms
1110
768 ms
1111
1.536 sec
[3:0]
PEAK_REL
DRC Peak Detector Release Time.
0xB
RW
0000
0 ms
0001
1.5 ms
0010
3 ms
0011
6 ms
0100
12 ms
0101
24 ms
0110
48 ms
0111
96 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com