Electronic Components Datasheet Search
  English  ▼

X  

SSM2518 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2518
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2518 Datasheet HTML 2Page - Analog Devices SSM2518 Datasheet HTML 3Page - Analog Devices SSM2518 Datasheet HTML 4Page - Analog Devices SSM2518 Datasheet HTML 5Page - Analog Devices SSM2518 Datasheet HTML 6Page - Analog Devices SSM2518 Datasheet HTML 7Page - Analog Devices SSM2518 Datasheet HTML 8Page - Analog Devices SSM2518 Datasheet HTML 9Page - Analog Devices SSM2518 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
SSM2518
Data Sheet
Rev. A | Page 6 of 48
POWER SUPPLY REQUIREMENTS
Table 2.
Parameter
Min
Typ
Max
Unit
PVDD
2.5
3.6
5.5
V
DVDD
1.62
1.8
3.6
V
DIGITAL INPUT/OUTPUT
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT VOLTAGE
High (VIH)
0.7 × DVDD
3.6
V
ADDR, MCLK, BCLK, LRCLK, SDATA, SAMOD
1.35
5.5
V
SD, SDA, SCL
Low (VIL)
−0.3
+0.3 × DVDD
V
ADDR, MCLK, BCLK, LRCLK, SDATA, SAMOD
−0.3
+0.35
V
SD, SDA, SCL
INPUT LEAKAGE CURRENT
High (IIH)
1
μA
Excluding MCLK
Low (IIL)
1
μA
Excluding MCLK and bidirectional pin
MCLK INPUT LEAKAGE CURRENT
High (IIH)
3
μA
Low (IIL)
3
μA
INPUT CAPACITANCE
5
pF
DIGITAL INTERPOLATION FILTER
Table 4.
Parameter
Factor
Min
Typ1
Max
Unit
PASS BAND
−3 dB
0.4535 × fS
22
kHz
Ripple
±0.01
dB
TRANSITION BAND
0.5 × fS
24
kHz
STOP BAND
0.5465 × fS
26
kHz
Attenuation
70
dB
GROUP DELAY
25/fS
521
μs
1 Typical value given for 48 kHz sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com