Electronic Components Datasheet Search
  English  ▼

X  

SSM2518 Datasheet(PDF) 45 Page - Analog Devices

Part # SSM2518
Description  Digital Input Stereo, 2 W, Class-D
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518 Datasheet(HTML) 45 Page - Analog Devices

Back Button SSM2518 Datasheet HTML 40Page - Analog Devices SSM2518 Datasheet HTML 41Page - Analog Devices SSM2518 Datasheet HTML 42Page - Analog Devices SSM2518 Datasheet HTML 43Page - Analog Devices SSM2518 Datasheet HTML 44Page - Analog Devices SSM2518 Datasheet HTML 45Page - Analog Devices SSM2518 Datasheet HTML 46Page - Analog Devices SSM2518 Datasheet HTML 47Page - Analog Devices SSM2518 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
Data Sheet
SSM2518
Rev. A | Page 45 of 48
Bits
Bit Name
Settings
Description
Reset
Access
1010
341.12 ms
1011
682.24 ms
1100
1.364 sec
1101
Reserved
1110
Reserved
1111
Reserved
DRC CONTROL 8 REGISTER
Address: 0x11, Reset: 0x1C, Name: DRC_Control_8
Table 30. Bit Descriptions for DRC_Control_8
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
RW
[5:2]
DRC_POST_G
Post-DRC Gain Adjust Setting. This can be used to add additional gain
after the DRC function to compensate for the overall reduction of system
gain due to the DRC.
0x7
RW
0000
+21 dB
0001
+18 dB
0010
+15 dB
0011
+12 dB
0100
+9 db
0101
+6 dB
0110
+3 dB
0111
0 dB
1000
−3 dB
1001
−6 dB
1010
−9 dB
1011
−12 dB
1100
−15 dB
1101
−18 dB
1110
−21 dB
1111
−24 dB
[1:0]
RESERVED
Reserved.
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com