Electronic Components Datasheet Search
  English  ▼

X  

SSM2804 Datasheet(PDF) 34 Page - Analog Devices

Part # SSM2804
Description  Audio Subsystem with Class-D Speaker
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2804 Datasheet(HTML) 34 Page - Analog Devices

Back Button SSM2804 Datasheet HTML 28Page - Analog Devices SSM2804 Datasheet HTML 29Page - Analog Devices SSM2804 Datasheet HTML 30Page - Analog Devices SSM2804 Datasheet HTML 31Page - Analog Devices SSM2804 Datasheet HTML 32Page - Analog Devices SSM2804 Datasheet HTML 33Page - Analog Devices SSM2804 Datasheet HTML 34Page - Analog Devices SSM2804 Datasheet HTML 35Page - Analog Devices SSM2804 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
SSM2804
Rev. 0 | Page 34 of 36
ADDITIONAL CONTROL, ADDRESS 0x0E
Table 43. Additional Control Register Bit Map
D7
D6
D5
D4
D3
D2
D1
D0
LIMLOCK
HPLIM[2:0]
LIM_MODE
TO
EDGE[1:0]
Table 44. Additional Control Register Bit Descriptions
Bit Name
Description
Settings
LIMLOCK
Headphone limiter lock bit. After the limiter is
locked, the locked levels cannot be reset until
the SSM2804 is powered down, the SD pin is
strobed low, or all eight bits of the software
reset register (Register 0x10) are set to 0.
0 = disable (default)
1 = enable
HPLIM[2:0]
Headphone limiter level adjust.
000 = off (default)
001 = ±1.13 V
010 = ±0.98 V
011 = ±0.80 V
100 = ±0.57 V
101 = ±0.40 V
110 = ±0.28 V
111 = ±0.22 V
LIM_MODE
Headphone limiter mode selection.
0 = hardware mode (external resistor limiter via SD pin; default)
1 = software mode (I2C adjustable limiter)
TO
Timeout control.
0 = 30 ms (default)
1 = 60 ms
EDGE[1:0]
Class-D output stage edge control.
00 = normal mode (default)
01 = slow edge
10 = slower edge (PVDD > 3.0 V recommended)
11 = slowest edge (PVDD > 4.0 V recommended)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com