Electronic Components Datasheet Search
  English  ▼

X  

SSM2804 Datasheet(PDF) 27 Page - Analog Devices

Part # SSM2804
Description  Audio Subsystem with Class-D Speaker
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2804 Datasheet(HTML) 27 Page - Analog Devices

Back Button SSM2804 Datasheet HTML 23Page - Analog Devices SSM2804 Datasheet HTML 24Page - Analog Devices SSM2804 Datasheet HTML 25Page - Analog Devices SSM2804 Datasheet HTML 26Page - Analog Devices SSM2804 Datasheet HTML 27Page - Analog Devices SSM2804 Datasheet HTML 28Page - Analog Devices SSM2804 Datasheet HTML 29Page - Analog Devices SSM2804 Datasheet HTML 30Page - Analog Devices SSM2804 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
SSM2804
Rev. 0 | Page 27 of 36
LEFT HEADPHONE OUTPUT VOLUME, ADDRESS 0x06
Table 26. Left Headphone Output Volume Register Bit Map
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
LHPVOL[4:0]
Table 27. Left Headphone Output Volume Register Bit Descriptions
Bit Name
Description
Settings
LHPVOL[4:0]
Left headphone output volume control
00000 = mute (default)
00001 = −75 dB
00010 = −71 dB
00011 = −67 dB
00100 = −63 dB
00101 = −59 dB
00110 = −55 dB
00111 = −51 dB
01000 = −47 dB
01001 = −44 dB
01010 = −41 dB
01011 = −38 dB
01100 = −35 dB
01101 = −32 dB
01110 = −29 dB
01111 = −26 dB
10000 = −23 dB
10001 = −21 dB
10010 = −19 dB
10011 = −17 dB
10100 = −15 dB
10101 = −13 dB
10110 = −11 dB
10111 = −9 dB
11000 = −7 dB
11001 = −6 dB
11010 = −5 dB
11011 = −4 dB
11100 = −3 dB
11101 = −2 dB
11110 = −1 dB
11111 = 0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com