Electronic Components Datasheet Search
  English  ▼

X  

SSM2804 Datasheet(PDF) 36 Page - Analog Devices

Part # SSM2804
Description  Audio Subsystem with Class-D Speaker
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2804 Datasheet(HTML) 36 Page - Analog Devices

Back Button SSM2804 Datasheet HTML 28Page - Analog Devices SSM2804 Datasheet HTML 29Page - Analog Devices SSM2804 Datasheet HTML 30Page - Analog Devices SSM2804 Datasheet HTML 31Page - Analog Devices SSM2804 Datasheet HTML 32Page - Analog Devices SSM2804 Datasheet HTML 33Page - Analog Devices SSM2804 Datasheet HTML 34Page - Analog Devices SSM2804 Datasheet HTML 35Page - Analog Devices SSM2804 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
SSM2804
Rev. 0 | Page 36 of 36
OUTLINE DIMENSIONS
A
B
C
D
E
0.660
0.600
0.540
3.000
2.960
2.920
1
2
3
4
5
6
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
0.270
0.240
0.210
0.390
0.360
0.330
0.360
0.320
0.280
2.00
REF
2.50 REF
BALL A1
IDENTIFIER
COPLANARITY
0.05
SEATING
PLANE
2.500
2.460
2.420
0.50
BALL PITCH
Figure 40. 30-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-30-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
SSM2804CBZ-RL
−40°C to +85°C
30-Ball Wafer Level Chip Scale Package [WLCSP]
CB-30-4
SSM2804CBZ-R7
−40°C to +85°C
30-Ball Wafer Level Chip Scale Package [WLCSP]
CB-30-4
EVAL-SSM2804Z
Evaluation Board
1 Z = RoHS Compliant Part.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09960-0-7/11(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com