Electronic Components Datasheet Search
  English  ▼

X  

SDA4331 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # SDA4331
Description  PLL with I2C Bus for AM/FM Receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA4331 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  SDA4331 Datasheet HTML 1Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 2Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 3Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 4Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 5Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 6Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 7Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 8Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SDA 4331X
Semiconductor Group
5
04.96
2
Functional Description
The SDA 4331X is a radio PLL controlled via I2C Bus for frequency synthesis in the AM
and FM range.
3
Circuit Description
The reference frequency for the PLL is derived from the quartz oscillator OSC
1). The
R-prescaler can be adapted to quartz frequencies of 4, 8 or 10.25 MHz, respectively,
yielding an internal 50 kHz reference. Programming the R-counter sets the phase
detector reference frequency to 1, 5 or 10 kHz in the AM mode or to 12.5, 25 or 50 kHz
in the FM mode. The VCO frequency is set by programming the A/N-counter which
operates as dual-modulus counter for FM and AM using a divide by 4/5 swallow counter.
The phase detector drives two different charge pumps for AM and FM mode. Additional
source followers are connected to the charge pump. There are four programmable
current levels for each charge pump. The supply voltage for the charge pump and the
source followers is supplied via the
V
DD2 pin and can reach 10 V maximum. AM/FM is an
open drain output as well as the additional outputs SA1 … SA4 which are controlled by
I2C Bus.
The I2C Bus interface provides slave receiver functions. There are two addresses
selected by the A0 pin. The I2C-protocol (see diagram 1) contains one string for
programming all counters and functions. The transfer may be stopped optionally after
each word if the remaining functions are not to be altered. After power ON all control
signals are undefined, so that the complete write sequence must be executed.
1) The power dissipation of the quartz is given by:
Pv = 2 × R1 (Π× fQ × (CO + CL) × VDD)2
R1
… Series resistance of the quartz
fQ
… Quartz frequency
CO
… Parallel capacitance of the quartz
CL
… Load capacitance, including input capacitance of the IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com