Electronic Components Datasheet Search
  English  ▼

X  

SDA4331 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # SDA4331
Description  PLL with I2C Bus for AM/FM Receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA4331 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button SDA4331 Datasheet HTML 5Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 6Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 7Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 8Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 9Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 10Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 11Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 12Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 13Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SDA 4331X
Semiconductor Group
9
04.96
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
A = 25 °C and
the given supply voltage.
Output PD
FMA
H-output voltage
V
QH
7.5
7.7
V
I
QH = 2 mA
V
PD FM = VDD2 = 9 V
H-output current
I
QH
25mA
V
PD FM = VDD2 = 9 V
L-output current
I
QL
10
µA
V
PD FM = GND
V
Q = 4 V
Output PD
AMA
H-output voltage
I
QH
1
2.5
mA
V
PD AM = 5 V
L-output current
I
QL
0.1
mA
V
PD AM = GND
V
Q = 5 V
Table 1
Programming of Mode and Frequency Resolution
AM/FM
R1
R0
Mode
Frequency Resolution
[MHz]
0
0
1
FM
12.5
01
0
FM
25
01
1
FM
50
10
1
AM
1
11
0
AM
5
11
1
AM
10
4.3
AC/DC Characteristics (cont’d)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com