Electronic Components Datasheet Search
  English  ▼

X  

SDA4331 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # SDA4331
Description  PLL with I2C Bus for AM/FM Receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA4331 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button SDA4331 Datasheet HTML 2Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 3Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 4Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 5Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 6Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 7Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 8Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 9Page - Siemens Semiconductor Group SDA4331 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SDA 4331X
Semiconductor Group
6
04.96
4
Electrical Characteristics
Note: Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
4.2
Operational Range
Note: In the operating range the functions given in the circuit description are fulfilled.
4.1
Absolute Maximum Ratings
T
A = – 25 °C to 85 °C
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Supply voltage
V
DD1
– 0.3
6
V
Supply voltage
V
DD2
– 0.3
10.5
V
Input voltage
V
IN
– 0.3
V
DD1 + 0.3
V
Power dissipation per output
P
Q
10
mW
Power dissipation
P
tot
t.b.d.
mW
Storage temperature
T
S
– 40
125
°C
Output voltage SA1 … SA4, AM/FM
V
QH
10.5
V
ESD voltage (HBM: 1.5 k
Ω, 100 pF) V
ESD
– 1
1
kV
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Supply voltage
V
DD1
4.5
5
5.5
V
Supply voltage
V
DD2
9
10.3
V
Supply current
I
DD1
410
mA
Supply current1)
I
DD2
0.5
mA
Ambient temperature
T
A
– 25
+ 85
°C
Output voltage SA1 … SA4, AM/FM
V
QH
V
DD2
V
1)
Measurement conditions: No load on pins 17 … 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com