Electronic Components Datasheet Search
  English  ▼

X  

DM9106 Datasheet(PDF) 55 Page - Davicom Semiconductor, Inc.

Part # DM9106
Description  10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9106 Datasheet(HTML) 55 Page - Davicom Semiconductor, Inc.

Back Button DM9106 Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 59Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
DM9106
3-port switch with PCI Interface
Preliminary datasheet
55
DM9106-DS-P01
July 9, 2009
the occurrence of a link failure condition causes the link status bit to
be cleared and remain cleared until it is read via the management
interface
1
Jabber detect
0, RO
Jabber Detect
1 = Jabber condition detected
0 = No jabber
This bit is implemented with a latching function. Jabber conditions
will set this bit unless it is cleared by a read to this register through a
management interface or a DM9106 reset. This bit works only in
10Mbps mode
0
Extended
capability
1,RO/P
Extended Capability
1 = Extended register capable
0 = Basic register capable only
8.3 PHY ID Identifier Register #1 (PHYID1) – 02H
The PHY Identifier Registers #1 and #2 work together in a single identifier of the DM9106. The Identifier consists
of a concatenation of the Organizationally Unique Identifier (OUI), a vendor's model number, and a model
revision number. DAVICOM Semiconductor's IEEE assigned OUI is 00606E.
Bit
Bit Name
Default
Description
15-0
OUI_MSB
<0181h>
OUI Most Significant Bits
This register stores bit 3 to 18 of the OUI (00606E) to bit 15 to 0 of
this register respectively. The most significant two bits of the OUI
are ignored (the IEEE standard refers to these as bit 1 and 2)
8.4 PHY ID Identifier Register #2 (PHYID2) – 03H
Bit
Bit Name
Default
Description
15-10
OUI_LSB
<101110>,
RO/P
OUI Least Significant Bits
Bit 19 to 24 of the OUI (00606E) are mapped to bit 15 to 10 of this
register respectively
9-4
VNDR_MDL
<001011>,
RO/P
Vendor Model Number
Five bits of vendor model number mapped to bit 9 to 4 (most
significant bit to bit 9)
3-0
MDL_REV
<0000>,
RO/P
Model Revision Number
Five bits of vendor model revision number mapped to bit 3 to 0
(most significant bit to bit 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com