Electronic Components Datasheet Search
  English  ▼

X  

DM9106 Datasheet(PDF) 30 Page - Davicom Semiconductor, Inc.

Part # DM9106
Description  10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9106 Datasheet(HTML) 30 Page - Davicom Semiconductor, Inc.

Back Button DM9106 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 34Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
DM9106
3-port switch with PCI Interface
30
Preliminary datasheet
DM9106-DS-P01
July 9, 2009
4
IAFM
0,RO
Inverse Address Filtering Mode
It is set to indicate the DM9106 operate in a Inverse Filtering Mode. This is a
only bit and mapped from the setup frame together with CR6<2>, CR6<0>
setting. That is it is valid only during perfect filtering mode.
3
PBF
0,RW
Pass Bad Frame
When set, the DM9106 is indicated to receive the bad frames including
runt packets, truncated frames caused by the FIFO overflow.
The bad frame also has to pass the address filtering if the
DM9106 is not set in promiscuous mode.
2
HOFM
0,RO
Hash-only Filter Mode
This is a read-only bit and mapped from the set-up frame together with
bit4,0 of CR6.It is set to indicate the DM9106 operate in a Hash-only
Filtering Mode.
1
RXRC
0,RW
Receive Start/Stop Command
When set, the receive process will begin by fetching the receive descriptor
for available buffer to store the new-coming packet (placed in the running
state). If the fetched descriptor is owned by the host (no descriptor is
owned by the DM9106), the receive process will enter the suspend state
and receive buffer unavailable CR5<7> sets. Otherwise it runs to wait for
the packet’s income. When reset, the receive process is placed in the
stopped state after completing the reception of the current frame.
0
HPFM
0,RO
Hash/Perfect Filter Mode
This is a read only bit and mapped from the setup frame together with
CR6<4>, CR6<2>. When reset, the DM9106 does a perfect address filter
of incoming frames according to the addresses specified in the setup
frame. When set, the DM9106 does a imperfect address filtering for the
incoming frame with a multicast address according to the hash table
specified in the setup frame. The filtering mode (perfect/imperfect) for the
frame with a physical address will depend on CR6<2>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com