Electronic Components Datasheet Search
  English  ▼

X  

DM9106 Datasheet(PDF) 32 Page - Davicom Semiconductor, Inc.

Part # DM9106
Description  10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9106 Datasheet(HTML) 32 Page - Davicom Semiconductor, Inc.

Back Button DM9106 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9106 Datasheet HTML 36Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
DM9106
3-port switch with PCI Interface
32
Preliminary datasheet
DM9106-DS-P01
July 9, 2009
6.2.9 Reserved (CR8)
6.2.10 Management Access Register (CR9)
Bit
Name
Default
Description
31:22
RESERVED
0,RO
Reserved
21
LES
0,RO
Load EEPROM status
It is set to indicate the load of EEPROM is in progress.
20
RLM
0,RW
Reload EEPROM
Set to reload the content of EEPROM.
19
MDIN
0,RO
MII Management Data_In
This is a read-only bit to indicate the MDIO input data, when bit 18 MRW is set.
18
MRW
0,RW
MII Management Read/Write Mode Selection
This bit defines the Read/Write Mode for PHY MII management register access. 1
for read and 0 for write.
17
MDOUT
0,RW
MII Management Data_Out
This bit is used to generate the output data signal for PHY MII management register
access.
16
MDCLK
0,RW
MII Management Clock
This bit is used to generate the output clock signal for PHY MII management
register access.
15
RESERVED
1,RO
Reserved.
14
RESERVED
0,RO
Reserved.
13:12
RESERVED
0,RO
Reserved.
11
ERS
0,RW
EEPROM Selected
This bit is used to enable EEPROM access.
10
EE_TYPE
0,RO
EEPROM type
0: 93C46
1: 93C56
9:8
RESERVED
011,RW
Reserved
7:4
RESERVED
FH,RO
Reserved
3
CRDOUT
0,RW
Data_Out from EEPROM
This bit reflects the status of EEDI pin when the EEPROM access is enabled.
2
CRDIN
0,RW
Data_In to EEPROM
This bit maps to EEDO pin when the EEPROM access is enabled.
1
CRCLK
0,RW
Clock to EEPROM
This bit maps EECK pin when the EEPROM access is enabled
0
CRCS
0,RW
Chip_Select to EEPROM
This bit maps to EECS pin when the EEPROM access is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com