Electronic Components Datasheet Search
  English  ▼

X  

DM9332 Datasheet(PDF) 23 Page - Davicom Semiconductor, Inc.

Part # DM9332
Description  10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9332 Datasheet(HTML) 23 Page - Davicom Semiconductor, Inc.

Back Button DM9332 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9332 Datasheet HTML 27Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
DM9332
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
Preliminary datasheet
23
DM9332-15-DS-P01
March 5, 2012
6.21 Per Port VLAN Tag High Byte Register (6FH)
Bit
Name
Default
Description
7:5
PRI
PE0,RW
Tag [15:13]
4
CFI
PE0,RW
Tag[12]
3:0
VID118
PE0,RW
VID[11:8]
6.22 MIB counters Port Index Register (80H)
Bit
Name
Default
Description
7
READY
P0,RO
MIB counter data is ready
When this register is written with INDEX data, this bit is cleared and the MIB
counter reading is in progress. After end of read MIB counter, the MIB data is
loaded into register 81H~84H, and this bit is set to indicate that the MIB data is
ready.
6:5
reserved
0,RO
Reserved
4:0
INDEX
PHS0,RW MIB counter index 0~9, each counter is 32-bit in Register 81h~84h.
Write the MIB counter index to this register before read them.
6.23 MIB counter Data Register (81H~84H)
Bit
Name
Default
Description
81H
Counter0
X,RO
Counter’s data bit 7~0
82H
Counter1
X,RO
Counter’s data bit 15~8
83H
Counter2
X,RO
Counter’s data bit 23~16
84H
Counter3
X,RO
Counter’s data bit 31~24
MIB counter: RX Byte Counter Registers (INDEX 00H)
MIB counter: RX Uni-cast Packet Counter Registers (INDEX 01H)
MIB counter: RX Multi-cast Packet Counter Registers (INDEX 02H)
MIB counter: RX Discard Packet Counter Registers (INDEX 03H)
MIB counter: RX Error Packet Counter Registers (INDEX 04H)
MIB counter: TX Byte Counter Registers (INDEX 05H)
MIB counter: TX Uni-cast Packet Counter Registers (INDEX 06H)
MIB counter: TX Multi-cast Packet Counter Registers (INDEX 07H)
MIB counter: TX Discard Packet Counter Registers (INDEX 08H)
MIB counter: TX Error Packet Counter Registers (INDEX 09H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com