Electronic Components Datasheet Search
  English  ▼

X  

DM9620EP Datasheet(PDF) 45 Page - Davicom Semiconductor, Inc.

Part # DM9620EP
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9620EP Datasheet(HTML) 45 Page - Davicom Semiconductor, Inc.

Back Button DM9620EP Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 48Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 49Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
DM9620/DM9620I
USB2.0 to Fast Ethernet Controller
Preliminary
45
Version: DM9620/DM9620I -15-DS-P02
December 26, 2011
Data Format
Offset
Name
Description
Byte 0
NSR
Network status register
Byte 1
TSR1
Reserved
Byte 2
TSR2
Reserved
Byte 3
RSR
RX status register
Byte 4
ROCR
Received overflow counter register
Byte 5
RXC
Received packet counter
Byte 6
TXC
Transmit packet counter
Byte 7
GPR
Reserved
7.1.4 Descriptor Values
All descriptors are stored in it’s default values..
Device Descriptor/18-Byte
Offset
Field
Size
Value
Description
0
bLength
1
12H
Size of descriptor in bytes
1
bDescriptorType
1
01H
DEVICE Descriptor Type
2
bcdUSB
2
0200H USB BCD version
4
bDeviceClass
1
00H
Class code, assign by USB
Zero: No device level class
01H~FEH : Valid device class
FFH : Vender-specific
5
bDeviceSubClass
1
00H
SubClass code, assign by USB
6
bDeviceProtocol
1
00H
Protocol code, assign by USB
7
bMaxPacketSize0
1
08H
Maximum PL for EP0(8,16,32,64)
8
idVender
2
0A46H Vendor ID(0A46) (fm EEP)
10
idProduce
2
9620H Product ID (fm EEP)
12
bcdDevice
2
0101H Device release number
14
iManufacturer
1
01H
Index of string descriptor for manufacturer
15
iProduct
1
02H
Index of string descriptor for product
16
iSerialNumber
1
03H
Index of string descriptors for serial number
17
bNumConfigurations
1
01H
Number of configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com