Electronic Components Datasheet Search
  English  ▼

X  

DM9620EP Datasheet(PDF) 20 Page - Davicom Semiconductor, Inc.

Part # DM9620EP
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9620EP Datasheet(HTML) 20 Page - Davicom Semiconductor, Inc.

Back Button DM9620EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 24Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
DM9620/DM9620I
USB2.0 to Fast Ethernet Controller
Preliminary
20
Version: DM9620/DM9620I -15-DS-P02
December 26, 2011
4.7 Back Pressure Threshold Register (08H)
Bit
Name
Default
Description
7:4
BPHW
PHS3h, RW
Back Pressure High Water Overflow Threshold. MAC will generate the jam
pattern when RX SRAM free space is lower than this threshold value.
Default is 3K-byte free space. Please don’t exceed SRAM size.
(1 unit=1K bytes)
3:0
JPT
PHS7h, RW
Jam Pattern Time. Default is 100us.
bit3 bit2 bit1 bit0
time
0 0 0 0
2.5us
0 0 0 1
5us
0 0 1 0
7.5us
0 0 1 1
12.5us
0 1 0 0
25us
0 1 0 1
50us
0 1 1 0
75us
0 1 1 1
100us
1 0 0 0
125us
1 0 0 1
150us
1 0 1 0
175us
1 0 1 1
200us
1 1 0 0
2250us
1 1 0 1
250us
1 1 1 0
275us
1 1 1 1
300us
4.8 Flow Control Threshold Register ( 09H )
Bit
Name
Default
Description
7:4
HWOT
PHS3h, RW
RX FIFO High Water Overflow Threshold
Send a pause packet with pause_time=FFFFH when the RX RAM free space is
less than this value., If this value is zero, its meaning is no free RX SARM space.
Default is 3K-byte free space. Please don’t exceed SRAM size.
(1 unit=1K bytes)
3:0
LWOT
PHS8h, RW
RX FIFO Low Water Overflow Threshold
Send a pause packet with pause_time=0000 when RX SARM free space is
larger than this value. This pause packet is enabled after high water pause
packet transmitted. Default SRAM free space is 8K-byte. Please don’t exceed
SRAM size.
(1 unit=1K bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com