Electronic Components Datasheet Search
  English  ▼

X  

DM9620EP Datasheet(PDF) 8 Page - Davicom Semiconductor, Inc.

Part # DM9620EP
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9620EP Datasheet(HTML) 8 Page - Davicom Semiconductor, Inc.

Back Button DM9620EP Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9620EP Datasheet HTML 12Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
DM9620/DM9620I
USB2.0 to Fast Ethernet Controller
Preliminary
8
Version: DM9620/DM9620I -15-DS-P02
December 26, 2011
Power Input
Low-Power, Single-Supply 3.3V, 0.18um CMOS Technology
Built in 3.3V to 1.8V regulator
Miscellaneous
Support industrial-temperature (-40
°C ~ +85°C)
Very Low Power Consumption in suspend mode
Power Reduced mode (cable detection), and Power Down mode
Compatible with 5.0V tolerant I/O
1.1 System Description
The DM9620/DM9620I USB to 10/100Mbps Fast Ethernet controller is a
industrial-temperature (DM9620I only) high performance and highly integrated ASIC with
embedded SSRAM for packet buffering. It enables low cost and affordable Fast Ethernet
network connection to desktop, notebook PC, and embedded system using popular USB
ports.
It has an USB interface to communicate with USB host controller and is compliant with USB
specification V1.0, V1.1 and V2.0. It implements 10/100Mbps Ethernet LAN function based on
IEEE802.3, and IEEE802.3u standards.
DM9620/DM9620I integrates an on-chip 10/100Mbps Ethernet PHY to simplify system design
and provides an optional media-independent interface (MII/Reverse MII/RMII).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com