Electronic Components Datasheet Search
  English  ▼

X  

MAX6033 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6033
Description  Ultra-High-Precision SOT23 Series Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6033 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6033 Datasheet HTML 3Page - Maxim Integrated Products MAX6033 Datasheet HTML 4Page - Maxim Integrated Products MAX6033 Datasheet HTML 5Page - Maxim Integrated Products MAX6033 Datasheet HTML 6Page - Maxim Integrated Products MAX6033 Datasheet HTML 7Page - Maxim Integrated Products MAX6033 Datasheet HTML 8Page - Maxim Integrated Products MAX6033 Datasheet HTML 9Page - Maxim Integrated Products MAX6033 Datasheet HTML 10Page - Maxim Integrated Products MAX6033 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Ultra-High-Precision SOT23 Series
Voltage Reference
_______________________________________________________________________________________
7
LOAD TRANSIENT
(VOUT = 2.5V)
MAX6033 toc13
2.5V
0
10mA
IOUT
10mA/div
VOUT
50mV/div
AC-COUPLED
400
µs/div
VIN = 5V
COUT = 0.1
µF
LOAD TRANSIENT
(VOUT = 2.5V)
MAX6033 toc14
2.5V
-100
µA
1mA
1ms/div
IOUT
1mA/div
VOUT
50mV/div
AC-COUPLED
VIN = 5V
COUT = 0.1
µF
LOAD TRANSIENT
(VOUT = 2.5V)
MAX6033 toc15
2.5V
0
10mA
IOUT
10mA/div
VOUT
50mV/div
AC-COUPLED
400
µs/div
VIN = 5V
COUT = 10
µF
LOAD TRANSIENT
(VOUT = 2.5V)
MAX6033 toc16
2.5V
-100
µA
1mA
IOUT
1mA/div
VOUT
20mV/div
AC-COUPLED
1ms/div
VIN = 5V
COUT = 10
µF
LINE TRANSIENT
(VOUT = 2.5V)
MAX6033 toc17
5.5V
2.5V
4.5V
VOUT
10mV/div
AC-COUPLED
VIN
500mV/div
AC-COUPLED
400
µs/div
COUT = 0.1
µF
LINE TRANSIENT
(VOUT = 5V)
MAX6033 toc18
6.5V
5V
5.5V
VOUT
10mV/div
AC-COUPLED
VIN
500mV/div
AC-COUPLED
1ms/div
COUT = 0.1
µF
Typical Operating Characteristics (continued)
(VIN = 5V, COUT = 0.1µF, IOUT = 0A, TA = +25°C, unless otherwise specified.) (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com