Electronic Components Datasheet Search
  English  ▼

X  

MAX6033 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6033
Description  Ultra-High-Precision SOT23 Series Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6033 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6033 Datasheet HTML 1Page - Maxim Integrated Products MAX6033 Datasheet HTML 2Page - Maxim Integrated Products MAX6033 Datasheet HTML 3Page - Maxim Integrated Products MAX6033 Datasheet HTML 4Page - Maxim Integrated Products MAX6033 Datasheet HTML 5Page - Maxim Integrated Products MAX6033 Datasheet HTML 6Page - Maxim Integrated Products MAX6033 Datasheet HTML 7Page - Maxim Integrated Products MAX6033 Datasheet HTML 8Page - Maxim Integrated Products MAX6033 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX6033 ultra-high-precision series voltage refer-
ence features a low 7ppm/°C (max) temperature coeffi-
cient and a low dropout voltage (200mV, max). Low
temperature drift and low noise make the MAX6033
ideal for use with high-resolution ADCs or DACs.
This device uses bandgap technology for low-noise per-
formance and excellent accuracy. Laser-trimmed, high-
stability, thin-film resistors, and postpackage trimming
guarantee excellent initial accuracy (±0.04%, max). The
MAX6033 consumes only 40µA of supply current and
sources up to 15mA. Series mode references save sys-
tem power and use minimal external components com-
pared to two-terminal shunt references.
The MAX6033 is available in the miniature 6-pin SOT23
package and is offered over the automotive tempera-
ture range (-40°C to +125°C).
Applications
Precision Regulators
A/D and D/A Converters
Power Supplies
Hard-Disk Drives
High-Accuracy Industrial and Process Control
Hand-Held Instruments
Features
o Tiny 6-Pin SOT23 Package
o Ultra-Low Temperature Drift: 7ppm/°C (max)
o ±0.04% Initial Accuracy
o Stable with Capacitive Loads
o Low 16µVP-P Noise (0.1Hz to 10Hz) (2.5V Output)
o 15mA Output Source Current
o Low 200mV Dropout Voltage
o Low 40µA Quiescent Current
o Wide 2.7V to 12.6V Supply Voltage
o Excellent Load Regulation: 0.001mV/mA
Ultra-High-Precision SOT23 Series
Voltage Reference
________________________________________________________________
Maxim Integrated Products
1
Ordering Information/Selector Guide
19-2300; Rev 3; 3/12
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
OUTPUT
VOLTAGE (V)
TEMP COEFF
(ppm/°C)
INITIAL ACCURACY
(%)
TOP MARK
MAX6033AAUT25-T
2.500
10
0.04
ABDF
MAX6033AAUT25#TG16
2.500
10
0.04
#ACNC
MAX6033BAUT25-T
2.500
15
0.20
AAXL
MAX6033BAUT25#TG16
2.500
15
0.20
#ACND
MAX6033CAUT25-T
2.500
40
0.10
AAXH
MAX6033CAUT25#TG16
2.500
40
0.10
#ACNE
MAX6033AAUT30-T
3.300
10
0.04
ABDG
MAX6033AAUT30#TG16
3.300
10
0.04
#ACNF
MAX6033BAUT30-T
3.300
15
0.20
AAXM
MAX6033BAUT30#TG16
3.300
15
0.20
#ACNG
Ordering Information/Selector Guide continued on last page.
#
Denotes a RoHS-compliant device that may include lead(Pb) that is exempt under the RoHS requirements.
T = Tape and reel.
Typical Operating Circuit appears at end of data sheet.
GND
IN
I.C.*
*I.C. = INTERNALLY CONNECTED: DO NOT USE
16
OUTS
5
OUTF
I.C.*
SOT23
TOP VIEW
2
34
MAX6033
Pin Configuration


Similar Part No. - MAX6033

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6033AAUT25 MAXIM-MAX6033AAUT25 Datasheet
450Kb / 11P
Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6033AAUT25-T MAXIM-MAX6033AAUT25-T Datasheet
1Mb / 13P
High-Precision, Low-Dropout SOT23 Series Voltage Reference
2021
MAX6033AAUT30 MAXIM-MAX6033AAUT30 Datasheet
450Kb / 11P
Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6033AAUT41 MAXIM-MAX6033AAUT41 Datasheet
450Kb / 11P
Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
More results

Similar Description - MAX6033

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6126 MAXIM-MAX6126 Datasheet
412Kb / 18P
Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 2; 6/03
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6126 MAXIM-MAX6126_10 Datasheet
299Kb / 18P
Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 5; 12/10
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6226 MAXIM-MAX6226 Datasheet
844Kb / 11P
Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 1; 4/19
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
Precision High-Voltage Reference in SOT23
2021
MAX6033 MAXIM-MAX6033_V01 Datasheet
1Mb / 13P
High-Precision, Low-Dropout SOT23 Series Voltage Reference
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com