Electronic Components Datasheet Search
  English  ▼

X  

MAX6033 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6033
Description  Ultra-High-Precision SOT23 Series Voltage Reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6033 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6033 Datasheet HTML 2Page - Maxim Integrated Products MAX6033 Datasheet HTML 3Page - Maxim Integrated Products MAX6033 Datasheet HTML 4Page - Maxim Integrated Products MAX6033 Datasheet HTML 5Page - Maxim Integrated Products MAX6033 Datasheet HTML 6Page - Maxim Integrated Products MAX6033 Datasheet HTML 7Page - Maxim Integrated Products MAX6033 Datasheet HTML 8Page - Maxim Integrated Products MAX6033 Datasheet HTML 9Page - Maxim Integrated Products MAX6033 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Ultra-High-Precision SOT23 Series
Voltage Reference
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = 5V, COUT = 0.1µF, IOUT = 0A, TA = +25°C, unless otherwise specified.) (Note 4)
LOAD REGULATION
(VOUT = 5V)
OUTPUT CURRENT (mA)
18
16
0
2
4
8
10 12
6
14
4.999
5.000
5.001
5.002
5.003
5.004
5.005
5.006
4.998
-2
20
TA = +85
°C
TA = +25
°C
TA = -40
°C
TA = +125
°C
DROPOUT VOLTAGE vs. OUTPUT CURRENT
(VOUT = 2.5V)
OUTPUT CURRENT (mA)
18
16
14
12
10
8
6
4
2
100
200
300
400
500
600
700
0
020
TA = +85
°C
TA = +125
°C
TA = +25
°C
TA = -40
°C
DROPOUT VOLTAGE vs. OUTPUT CURRENT
(VOUT = 5V)
OUTPUT CURRENT (mA)
18
16
12 14
4
6
8
10
2
50
100
150
200
250
300
350
400
450
500
550
600
0
020
TA = +85
°C
TA = +125
°C
TA = +25
°C
TA = -40
°C
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY (VOUT = 2.5V)
FREQUENCY (kHz)
0.001
1
10
100
0.01
0.1
1000
0
-100
-90
-80
-70
-60
-50
-40
-10
-20
-30
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
0.001
0.1
0.01
1
10
100
1000
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY (VOUT = 5V)
FREQUENCY (kHz)
SUPPLY CURRENT vs. INPUT VOLTAGE
(VOUT = 2.5V)
INPUT VOLTAGE (V)
12
11
9 10
3
4
5
6
7
8
1
2
15
30
45
60
75
90
105
120
135
150
0
013
TA = +85
°C
TA = +125
°C
TA = +25
°C
TA = -40
°C
SUPPLY CURRENT vs. INPUT VOLTAGE
(VOUT = 5V)
INPUT VOLTAGE (V)
12
11
9 10
3
4
5
6
7
8
1
2
20
40
60
80
100
120
140
160
180
200
220
0
013
TA = +85
°C
TA = +125
°C
TA = +25
°C
TA = -40
°C
0.1Hz TO 10Hz OUTPUT NOISE
(VOUT = 2.5V)
MAX6033 toc11
VOUT
4
µV/div
1s/div
0.1Hz TO 10Hz OUTPUT NOISE
(VOUT = 5V)
MAX6033 toc12
VOUT
10
µV/div
1s/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com