Electronic Components Datasheet Search
  English  ▼

X  

SFH4591 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SFH4591
Description  Schnelle GaAlAs-IR-Lumineszenzdiode High-Speed GaAlAs Infrared Emitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH4591 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SFH4591 Datasheet HTML 1Page - Siemens Semiconductor Group SFH4591 Datasheet HTML 2Page - Siemens Semiconductor Group SFH4591 Datasheet HTML 3Page - Siemens Semiconductor Group SFH4591 Datasheet HTML 4Page - Siemens Semiconductor Group SFH4591 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor Group
2
1998-09-08
SFH 4591
SFH 4592
Grenzwerte (T
A = 25 °C)
Maximum Ratings
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 4591
SFH 4592
Q62702-P5059
Q62702-P5060
5 mm-LED-Gehäuse (T1
3/
4), klar, Anschlüsse im 2,54-mm
Raster, Anodenkennzeichnung: kurzer Anschluß
5-mm-LED package (T1
3/
4), clear, solder tabs 2.54-mm (
1/
10”),
anode marking: short lead
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
Top; Tstg
– 40 ... + 100
°C
Sperrspannung
Reverse voltage
VR
3V
Durchla
βstrom
Forward current
IF (DC)
100
mA
Sto
βstrom, t
p = 10 µs, D = 0
Surge current
IFSM
2A
Verlustleistung
Power dissipation
Ptot
200
mW
Wärmewiderstand Sperrschicht - Umgebung,
freie Beinchenlänge max. 10 mm
Thermal resistance junction - ambient,
lead length between package bottom and
PCB max. 10 mm
RthJA
375
K/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com