Electronic Components Datasheet Search
  English  ▼

X  

SFH4591 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SFH4591
Description  Schnelle GaAlAs-IR-Lumineszenzdiode High-Speed GaAlAs Infrared Emitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH4591 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SFH4591 Datasheet HTML 1Page - Siemens Semiconductor Group SFH4591 Datasheet HTML 2Page - Siemens Semiconductor Group SFH4591 Datasheet HTML 3Page - Siemens Semiconductor Group SFH4591 Datasheet HTML 4Page - Siemens Semiconductor Group SFH4591 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Semiconductor Group
4
1998-09-08
SFH 4591
SFH 4592
Strahlstärke I
e in Achsrichtung
gemessen bei einem Raumwinkel
Ω = 0.01 sr
Radiant intensity I
e in axial direction
at a solid angle of
Ω = 0.01 sr
Lötbedingungen
Soldering Conditions
Temperaturkoeffizient von V
F, IF = 100 mA
Temperature coefficient of V
F, IF = 100 mA
TCV
– 2
mV/K
Temperaturkoeffizient von
λ, I
F = 100 mA
Temperature coefficient of
λ, I
F = 100 mA
TCλ
+ 0.13
nm/K
Bezeichnung
Description
Symbol
Werte
Values
Einheit
Unit
SFH 4591
SFH 4592
Strahlstärke
Radiant intensity
IF = 100 mA, tp = 20 ms
Ie min
Ie typ
40
80
25
40
mW/sr
Strahlstärke
Radiant intensity
IF = 1 A, tp = 100 µs
Ie typ
600
300
mW/sr
Tauch-, Schwall- und Schlepplötung
Dip, wave and drag soldering
Kolbenlötung (mit 1,5-mm-Kolbenspitze)
Iron soldering (with 1.5-mm-bit)
Lötbad-
temperatur
Temperature
of the
soldering
bath
Maximal
zulässige
Lötzeit
Max. perm.
soldering
time
Abstand
Lötstelle –
Gehäuse
Distance
between
solder joint
and case
Temperatur
des Kolbens
Temperature
of the solder-
ing iron
Maximale
zulässige
Lötzeit
Max. permissi-
ble soldering
time
Abstand
Lötstelle –
Gehäuse
Distance
between
solder joint
and case
260
°C
10 s
≥ 1.5 mm
300
°C3 s
≥ 1.5 mm
Kennwerte (T
A = 25 °C)
Characteristics (cont’d)
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com