Electronic Components Datasheet Search
  English  ▼

X  

HT62104 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT62104
Description  Infrared Remote Encoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT62104 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT62104 Datasheet HTML 1Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 2Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 3Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 4Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 5Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 6Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 7Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 8Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Rev. 1.00
5
May 07, 2012
HT62104
Frame Data Format On DOUT Pin
• AoneFramedataformatisshownbelow.
S2
S1
S0
C1
C2
D6
D5
D4
D3
D2
D1
D0
Delay time
(32ms)
One frame
(12 bits )
Start code
Custom codeData code
Press key
DOUT
• ThetimedurationbetweenFrame(n)andFrame(n+1)iscalledtheSignalGapTime.TheGapTimeiscounted
basedonaunitperiod,denotedas“T”.
kHz
455
1
192
4
4
T
1×
×
=
λ
=
≈
kHz
38
1
16
4 ×
×
– FortheHT62104device,theSignalGapTimeis4T.
Delay time(32ms)
Frame14TFrame2
Press key
Frame34TFrame4
4T
Release key
DOUT
S
C
D
S
C
D
S
C
D
S
C
D
Gap Time
Gap Time
Gap Time
Carrier Output Waveform
Thecarriersignal,withafrequencyof38kHz,issuperimposedontotheoutputdatasignalwhichisusedto
generateanddata0anddata1waveforms.Thecarriersignalisshowninthefollowingdiagram.
26 .3µs
8.77 µs
38 KHz carrier
DOUT Pin Bit Code Waveforms
Asbitscanbedesignatedaseither“0”or“1”,theymustbeencodedinacertainwayasshownbelow.
λ
Bit “0”
Bit “1”
tDW
38 kHz
3λ
λ
3λ
Note:1.
kHz
455
1
192
1
×
=
λ
≈
kHz
38
1
16 ×
2.Bit“1”consistsofa“high”pulsefor1λanda“38kHzcarrier”for3λ.
3.Bit“0”consistsofa“high”pulsefor3λanda“38kHzcarrier”for1λ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com