Electronic Components Datasheet Search
  English  ▼

X  

HT62104 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT62104
Description  Infrared Remote Encoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT62104 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT62104 Datasheet HTML 3Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 4Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 5Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 6Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 7Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 8Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 9Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 10Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Rev. 1.00
7
May 07, 2012
HT62104
Overlapped Key Input Transmission
Whentwokeyinputtriggerpulsesoverlap,thetimewherethesecondtriggerpulseoccurswilldeterminewhat
framecodewillbeoutputontheDOUTpin.Ifthesecondtriggerpulseoccursduringthegaptime,thefollowing
framecodewillbeoutputontheDOUTpinandwillbeacombinationofthetwotriggeredframecodes.The
followingdiagramshowsthetransmissionwaveform.
K1
K2
IRC
LED
DOUT
K1+K2
K1+K2K1+K2
K1
K1
K2
K2
K2
f
OSC
=455 kHz
Gap Time
FC 1: Key 1 Frame Code.
FC 2: Key 2 Frame Code.
FC 1+ FC 2: Combination of Key1 and
Key 2 Frame Codes .
Overlapping Key Inputs Occurring During the Gap Time
Ifthesecondavailabletriggerpulseoccursduringtheframecodetransmissionduration,thepresentframecode
beingtransmittedwillstillbeoutputontheDOUTpin.Herethecombinationofthetwotriggeredframecodeswill
beconsecutivelyoutput.Thefollowingdiagramindicatesthetransmissionwaveform.
K1
K2
IRC
LED
DOUT
K1+K2K1+K2
K1
K1
K2
K2
f
OSC
=455 kHz
Gap Time
FC 1: Key 1 Frame Code.
FC 2: Key 2 Frame Code.
FC 1+ FC 2: Combination of Key1 and
Key 2 Frame Codes.
K1
K1+K2
Overlapping Key Inputs Occurring During a Frame Code Transmission
Thesamemethodologycanbeappliedontherisingtransitionofanyavailabletriggerpulsestoseehowtheframe
codechangeswhenoverlappingkeyinputsoccur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com