Electronic Components Datasheet Search
  English  ▼

X  

HT62104 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT62104
Description  Infrared Remote Encoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT62104 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT62104 Datasheet HTML 1Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 2Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 3Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 4Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 5Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 6Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 7Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 8Page - Holtek Semiconductor Inc HT62104 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Rev. 1.00
4
May 07, 2012
HT62104
Functional Description
TheHT62104Infraredremotecontrolencoderpro-
videsameansforeasyremotecontrolsignalencod-
ing.Asallfunctions,includingthesystemoscillator,
areintegratedwithinthedevice,theadditionofexter-
nalswitchesandanIRLEDisallthatisrequiredto
implementafullInfraredremotecontroltransmitter
function.
Thedevicewillgenerateanencodedsignalonitsout-
putpin,DOUT,composedofaStartcode,aCustom
codeandaDatacode.Thesignalisautomatically
generatedontheDOUTpinwhenanydatainputpin,
K1~K8,changesstatefromhightolow.Theinternal
pull-highresistorskeepthesedatainputpinsina
normallyhighcondition.Theoutputsignalonthe
DOUTpincanbeinterfacedtoanexternalIRLED
forwirelesssignaltransmission.
Signal Generation
ThedevicewillencodeandtransmitaStartcode,a
CustomcodeandaDatacodeuponreceiptofatrigger
signal.Thetriggersignalisahightolowtransition
onanyofthedatainputpins,K1~K8.Thepinsare
normallykeptatahighlevelbytheinternalpull-high
resistors.
Key Input Trigger
TheSignaltransmissionisinitiatedwhenanyofthe
keydatainputpinschangesstatefromhightolow.
Ifthepulsewidthofthetriggersignalderivedfrom
thekeyinputs,K1~K8,islessthanorequalto32ms,
therewillnosignaloutputontheDOUTpin.Ifthe
pulsewidthofthetriggersignalisgreaterthan32ms
andlessthanorequalto4-framewidths,thenaframe
coderepeated4times,dependinguponwhichkey
inputispulledfromahighstatetoalowstate,will
begeneratedontheDOUTpin.Ifthetriggeredsignal
pulsewidthisgreaterthan4-framewidthsandless
thanorequalto8-framewidths,thenaframecodewill
begeneratedandrepeated8timesontheDOUTpin.
K1 ~K8
DOUT
32 ms
32 ms < active
4 Frame
4 Frame < active
8 Frame
Note:1.Thekeydatainputlowsignalpulsewidthmustbegreaterthana32msdurationforafullsignal
transmission,whichconsistsofaspecificrepeatedframecode,tooccur.Iftheinputlowsignalislessthan
orequalto32ms,thennosignalwillbetransmitted.
2.“Frame”indicatesaspecificframecodewhichisdeterminedbythetriggeringkey.
Frame Format
Therearefourframesthattheencodergeneratesforeachavailablesendingtrigger.Theframecodecontainsthree
fieldsincludinga3-bitStartcode(110),a2-bitCustomcode(C1,C2)anda7-bitDatacode.Eachkeydatainput
correspondstoaspecifictransmissioncodeshowninthefollowingtable.
Frame Code Table
Key
Start Code (S)
Custom Code (C)
Data Code (D)
S2
S1
S0
C1
C2
D6
D5
D4
D3
D2
D1
D0
K1
1
1
0
C1
C2
0
0
0
0
0
0
1
K2
1
1
0
C1
C2
0
0
0
0
0
1
0
K3
1
1
0
C1
C2
0
0
0
0
1
0
0
K4
1
1
0
C1
C2
0
0
0
1
0
0
0
K5
1
1
0
C1
C2
0
0
1
0
0
0
0
K6
1
1
0
C1
C2
0
1
0
0
0
0
0
K7
1
1
0
C1
C2
1
0
0
0
0
1
1
K8
1
1
0
C1
C2
1
0
0
0
1
1
0
TheC1andC2pinsareinternallyconnectedtopull-highresistorswhosestatusaredecidedbycustomers.
ConnectingtoGNDrepresentsa“0”whileconnectingtoVDDorkeepinginafloatingstaterepresentsa“1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com