Electronic Components Datasheet Search
  English  ▼

X  

SLX24C01 Datasheet(PDF) 12 Page - Siemens Semiconductor Group

Part # SLX24C01
Description  1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLX24C01 Datasheet(HTML) 12 Page - Siemens Semiconductor Group

Back Button SLX24C01 Datasheet HTML 8Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 9Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 10Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 11Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 12Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 13Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 14Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 15Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 16Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
SLx 24C01/02/P
Semiconductor Group
12
1998-07-27
5.2
Page Write
Those bytes of the page that have not been addressed are not included in the
programming.
Figure 8
Page Write Sequence
The erase/write cycle is finished latest after 8 ms. Acknowledge polling may be used for
speed enhancement in order to indicate the end of the erase/write cycle (refer to
chapter 5.3 Acknowledge Polling).
Address Setting
Thepagewrite procedureisthe same as thebytewrite
procedure up to the first data byte. In a page write instruction
however, entry of the EEPROM address byte EEA is followed
by a sequence of one to maximum eight data bytes with the
new data to be programmed. These bytes are transferred to
the internal page buffer of the EEPROM.
Transmission of Data
The first entered data byte will be stored according to the
EEPROM address n given by EEA (A0 to A6 or A7). The
internal address counter is incremented automatically after the
entered data byte has been acknowledged. The next data byte
is then stored at the next higher EEPROM address. EEPROM
addresses within the same page have common page address
bits A2 through A6 or A7. Only the respective three least
significant address bits A0 through A2 are incremented, as all
data bytes to be programmed simultaneously have to be
within the same page.
Programming Cycle
The master stops data entry by applying a STOP condition,
which also starts the internally timed erase/write cycle. In the
first step, all selected bytes are erased to “1”. With the next
internal step, the addressed bytes are written according to the
contents of the page buffer.
Command Byte
CSW
S
P
C
K
A
S
T
A
R
T
T
P
O
S
EEPROM Address
EEA n
Data Byte n
Data Byte n+1
Data Byte n+7
Bus Activity
Master
SDA Line
Bus Activity
EEPROM
IED02280
0
C
K
A
C
K
A
C
K
A
C
K
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com