| Electronic Components Datasheet Search |
|
SLX24C01 Datasheet(PDF) 15 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
SLX24C01 Datasheet(HTML) 15 Page - Siemens Semiconductor Group |
|
15 / 27 page ![]() SLx 24C01/02/P Semiconductor Group 15 1998-07-27 6 Read Operations Reading of the EEPROM data is initiated by the Master with the command byte CSR. 6.1 Random Read Random read operations allow the master to access any memory location. Figure 11 Random Read Address Setting The master generates a START condition followed by the command byte CSW. The receipt of the CSW-byte is acknowledged by the EEPROM with a low on the SDA line. Now the master transmits the EEPROM address (EEA) to the EEPROM and the internal address counter is loaded with the desired address. Transmission of CSR After the acknowledge for the EEPROM address is received, the master generates a START condition, which terminates the initiated write operation. Then the master transmits the command byte CSR for read, which is acknowledged by the EEPROM. Transmission of EEPROM Data During the next eight clock pulses the EEPROM transmits the data byte and increments the internal address counter. STOP Condition from Master During the following clock cycle the masters releases the bus and then transmits the STOP condition. Command Byte CSW S P A C K C K A S T A R T T P O S EEPROM Address EEA n Bus Activity Master SDA Line Bus Activity EEPROM IED02133 C K A Data Byte 1 0 S T R A T S CSR Command Byte |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |