Electronic Components Datasheet Search
  English  ▼

X  

SLX24C01 Datasheet(PDF) 17 Page - Siemens Semiconductor Group

Part # SLX24C01
Description  1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLX24C01 Datasheet(HTML) 17 Page - Siemens Semiconductor Group

Back Button SLX24C01 Datasheet HTML 13Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 14Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 15Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 16Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 17Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 18Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 19Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 20Page - Siemens Semiconductor Group SLX24C01 Datasheet HTML 21Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
SLx 24C01/02/P
Semiconductor Group
17
1998-07-27
6.3
Sequential Read
A sequential read is initiated in the same way as a current read or a random read except
that the master acknowledges the data byte transmitted by the EEPROM. The EEPROM
then continues the data transmission. The internal address counter is incremented by
one during each data byte transmission.
A sequential read allows the entire memory to be read during one read operation. In the
SLx 24C02/P, after the highest addressable memory location is reached, the internal
address pointer “rolls over” to the address 0 and the sequential read continues. In the
SLx 24C01/P, there is no “roll over”.
The transmission is terminated by the master by releasing the SDA line (no
acknowledge) and generating a STOP condition (see figure 13).
Figure 13
Sequential Read
Data Byte n
EEPROM
Bus Activity
SDA Line
Master
Bus Activity
S
R
T
A
T
S
CSW
Command Byte
1
C
K
A
C
K
A
Data Byte n+x
Data Byte n+1
A
K
C
C
K
A
P
IED02134
S
O
P
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com