Electronic Components Datasheet Search
  English  ▼

X  

ADS1291 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1291
Description  Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1291 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS1291 Datasheet HTML 35Page - Texas Instruments ADS1291 Datasheet HTML 36Page - Texas Instruments ADS1291 Datasheet HTML 37Page - Texas Instruments ADS1291 Datasheet HTML 38Page - Texas Instruments ADS1291 Datasheet HTML 39Page - Texas Instruments ADS1291 Datasheet HTML 40Page - Texas Instruments ADS1291 Datasheet HTML 41Page - Texas Instruments ADS1291 Datasheet HTML 42Page - Texas Instruments ADS1291 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
ADS1291
ADS1292
ADS1292R
www.ti.com
SBAS502A – DECEMBER 2011 – REVISED MARCH 2012
CONFIG1: Configuration Register 1
Address = 01h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SINGLE_SHOT
0
0
0
0
DR2
DR1
DR0
This register configures each ADC channel sample rate.
Bit 7
SINGLE_SHOT: Single-shot conversion
This bit sets the conversion mode
0 = Continuous conversion mode (default)
1 = Single-shot mode
Bits[6:3]
Must be set to '0'
Bits[2:0]
DR[2:0]: Channel oversampling ratio
These bits determine the oversampling ratio of both channel 1 and channel 2.
BIT
OVERSAMPLING RATIO
DATA RATE(1)
000
fMOD/1024
125 SPS
001
fMOD/512
250 SPS
010
fMOD/256
500 SPS (default)
011
fMOD/128
1 kSPS
100
fMOD/64
2 kSPS
101
fMOD/32
4 kSPS
110
fMOD/16
8 kSPS
111
Do not use
Do not use
(1)
fCLK = 512 kHz and CLK_DIV = 0 or fCLK = 2.048 MHz and CLK_DIV = 1.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): ADS1291 ADS1292 ADS1292R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com