Electronic Components Datasheet Search
  English  ▼

X  

ADS1291 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1291
Description  Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1291 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1291 Datasheet HTML 17Page - Texas Instruments ADS1291 Datasheet HTML 18Page - Texas Instruments ADS1291 Datasheet HTML 19Page - Texas Instruments ADS1291 Datasheet HTML 20Page - Texas Instruments ADS1291 Datasheet HTML 21Page - Texas Instruments ADS1291 Datasheet HTML 22Page - Texas Instruments ADS1291 Datasheet HTML 23Page - Texas Instruments ADS1291 Datasheet HTML 24Page - Texas Instruments ADS1291 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
PgaP
R
150k
W
2
R
60k
(forGain=6)
W
1
R
150k
W
2
FromMuxP
PgaN
FromMuxN
R =2k
W
S
R =2k
W
S
C
4.7nF
FILTER
PGA1P
PGA1N
C
P1
C
P2
−105
−100
−95
−90
−85
5
10
15
20
25
CFILTER (nF)
G025
ADS1291
ADS1292
ADS1292R
www.ti.com
SBAS502A – DECEMBER 2011 – REVISED MARCH 2012
PGA SETTINGS AND INPUT RANGE
The PGA is a differential input or differential output amplifier, as shown in Figure 23. It has seven gain settings
(1, 2, 3, 4, 6, 8, and 12) that can be set by writing to the CHnSET register (see the CH1SET and CH2SET
Registers in the Register Map section for details). The ADS1291, ADS1292, and ADS1292R have CMOS inputs
and hence have negligible current noise.
Figure 23. PGA Implementation
The PGA resistor string that implements the gain has 360 k
Ω of resistance for a gain of 6. This resistance
provides a current path across the outputs of the PGA in the presence of a differential input signal. This current
is in addition to the quiescent current specified for the device in the presence of a differential signal at the input.
The PGA output is filtered by an RC filter before it goes to the ADC. The filter is formed by an internal resistor RS
= 2 k
Ω and an external capacitor CFILTER (4.7 nF, typical). This filter acts as an anti-aliasing filter with the –3-dB
bandwidth of 8.4 kHz. The internal RS resistor is accurate to 15% so actual bandwidth will vary. This RC filter
also suppresses the glitch at the PGA output caused by ADC sampling. The minimum value of CEXT that can be
used is 4 nF. A larger value CFILTER capacitor can be used for increased attenuation at higher frequencies for
anti-aliasing purposes. If channel 1 of the ADS1292R is used for respiration measurement, then a 4.7-nF
external capacitor is recommended. The tradeoff is that a larger capacitor value gives degraded THD
performance. See Figure 24 for a diagram explaining the THD versus CFILTER value for a 10-Hz input signal.
Figure 24. THD versus CFILTER Value
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS1291 ADS1292 ADS1292R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com