Electronic Components Datasheet Search
  English  ▼

X  

ADS1291 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1291
Description  Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1291 Datasheet(HTML) 3 Page - Texas Instruments

  ADS1291 Datasheet HTML 1Page - Texas Instruments ADS1291 Datasheet HTML 2Page - Texas Instruments ADS1291 Datasheet HTML 3Page - Texas Instruments ADS1291 Datasheet HTML 4Page - Texas Instruments ADS1291 Datasheet HTML 5Page - Texas Instruments ADS1291 Datasheet HTML 6Page - Texas Instruments ADS1291 Datasheet HTML 7Page - Texas Instruments ADS1291 Datasheet HTML 8Page - Texas Instruments ADS1291 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
ADS1291
ADS1292
ADS1292R
www.ti.com
SBAS502A – DECEMBER 2011 – REVISED MARCH 2012
ELECTRICAL CHARACTERISTICS
Minimum and maximum specifications apply from –40°C to +85°C. Typical specifications are at +25°C. All specifications are
at DVDD = 1.8 V, AVDD – AVSS = 3 V
(1), V
REF = 2.42 V, external fCLK = 512 kHz, data rate = 500 SPS, CFILTER = 4.7 nF
(2),
and gain = 6, unless otherwise noted.
ADS1291, ADS1292, ADS1292R
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Full-scale differential input voltage
±VREF/GAIN
V
(AINP – AINN)
See the Input Common-Mode Range
Input common-mode range
subsection of the PGA Settings and Input
Range section
Input capacitance
20
pF
TA = +25°C, input = 1.5 V
±200
pA
Input bias current (PGA chop = 8 kHz)
TA = –40°C to +85°C, input = 1.5 V
±1
nA
Chop rates other than 8 kHz
See Pace Detect section
No pull-up or pull-down current source
1000
M
Ω
Current source lead-off detection (nA),
500
M
Ω
DC input impedance
AVSS + 0.3 V < AIN < AVDD – 0.3 V
Current source lead-off detection (µA),
100
M
Ω
AVSS + 0.6 V < AIN < AVDD – 0.6 V
PGA PERFORMANCE
Gain settings
1, 2, 3, 4, 6, 8, 12
With a 4.7-nF capacitor on PGA output
Bandwidth
(see PGA Settings and Input Range section
8.5
kHz
for details)
ADC PERFORMANCE
Resolution
24
Bits
Data rate
fCLK = 512 kHz
125
8000
SPS
CHANNEL PERFORMANCE (DC Performance)
Gain = 6(3), 10 seconds of data
8
μVPP
Gain = 6, 256 points, 0.5 seconds of data
8
11
μVPP
Input-referred noise
Gain settings other than 6,
See Noise Measurements section
data rates other than 500 SPS
Integral nonlinearity
Full-scale with gain = 6, best fit
2
ppm
Offset error
±100
μV
Offset error drift
2
μV/°C
Offset error with calibration
15
μV
Gain error
Excluding voltage reference error
±0.1
±0.2
% of FS
Gain drift
Excluding voltage reference drift
2
ppm/°C
Gain match between channels
0.2
% of FS
CHANNEL PERFORMANCE (AC performance)
CMRR
Common-mode rejection ratio
fCM = 50 Hz and 60 Hz
(4)
–105
–120
dB
PSRR
Power-supply rejection ratio
fPS = 50 Hz and 60 Hz
90
dB
Crosstalk
fIN = 50 Hz and 60 Hz
–120
dB
SNR
Signal-to-noise ratio
fIN = 10 Hz input, gain = 6
107
dB
10 Hz, –0.5 dBFs, CFILTER = 4.7nF
–104
dB
100 Hz, –0.5 dBFs, CFILTER = 4.7nF
–95
dB
THD
Total harmonic distortion
ADS1292R channel 1, 10 Hz, –0.5 dBFS,
–82
dB
CFILTER = 47 nF
(1)
Performance is applicable for 5-V operation as well. Production testing for limits is performed at 3 V.
(2)
CFILTER is the capacitor accross the PGA outputs; see the PGA Settings and Input Range section for details.
(3)
Noise data measured in a 10-second interval. Test not performed in production. Input-referred noise is calculated with input shorted
(without electrode resistance) over a 10-second interval.
(4)
CMRR is measured with a common-mode signal of AVSS + 0.3 V to AVDD – 0.3 V. The values indicated are the minimum of the two
channels.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1291 ADS1292 ADS1292R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com