Electronic Components Datasheet Search
  English  ▼

X  

AFE5803ZCF Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5803ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5803ZCF Datasheet(HTML) 43 Page - Texas Instruments

Back Button AFE5803ZCF Datasheet HTML 39Page - Texas Instruments AFE5803ZCF Datasheet HTML 40Page - Texas Instruments AFE5803ZCF Datasheet HTML 41Page - Texas Instruments AFE5803ZCF Datasheet HTML 42Page - Texas Instruments AFE5803ZCF Datasheet HTML 43Page - Texas Instruments AFE5803ZCF Datasheet HTML 44Page - Texas Instruments AFE5803ZCF Datasheet HTML 45Page - Texas Instruments AFE5803ZCF Datasheet HTML 46Page - Texas Instruments AFE5803ZCF Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
AFE5803
www.ti.com
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
As discussed in the theory of operation, the attenuator architecture uses seven attenuator segments that are
equally spaced in order to approximate the linear-in-dB gain-control slope. This approximation results in a
monotonic slope; the gain ripple is typically less than
±0.5 dB.
The control voltage input (VCNTLM/P pins) represents a high-impedance input. The VCNTLM/P pins of multiple
AFE5803 devices can be connected in parallel with no significant loading effects. When the voltage level (VCNTLP
- VCNTLM) is above 1.5 V or below 0 V, the attenuator continues to operate at its maximum attenuation level or
minimum attenuation level respectively. It is recommended to limit the voltage from -0.3 V to 2 V.
The AFE5803 gain-control input has a
–3 dB bandwidth of approximately 800KHz. This wide bandwidth, although
useful in many applications (e.g. fast VCNTL response), can also allow high-frequency noise to modulate the gain
control input and finally affect the Doppler performance. In practice, this modulation can be avoided by additional
external filtering (RVCNTL and CVCNTL) at VCNTLM/P pins as Figure 69 shows. However, the external filter's cutoff
frequency cannot be kept too low as this results in low gain response time. Without external filtering, the gain
control response time is typically less than 1
μs to settle within 10% of the final signal level of 1VPP (–6 dBFS)
output as indicated in Figure 48 and Figure 49.
Typical VCNTLM/P signals are generated by an 8bit to 12bit 10MSPS digital to analog converter (DAC) and a
differential operation amplifier. TI
’s DACs, such as TLV5626 and DAC7821/11 (10 MSPS/12bit), could be used to
generate TGC control waveforms. Differential amplifiers with output common mode voltage control (e.g.
THS4130 and OPA1632) can connect the DAC to the VCNTLM/P pins. The buffer amplifier can also be configured
as an active filter to suppress low frequency noise. More information can be found in the documents SLOS318
and SBAA150. The VCNTL vs Gain curves can be found in Figure 2. The below table also shows the absolute
gain vs. VCNTL, which may help program DAC correspondingly.
In PW Doppler and color Doppler modes, VCNTL noise should be minimized to achieve the best close-in phase
noise and SNR. Digital VCNTL feature is implemented to address this need in the AFE5803. In the digital VCNTL
mode, no external VCNTL is needed.
Table 10. VCNTLP–VCNTLM vs Gain Under Different LNA and PGA Gain Settings (Low Noise Mode)
Gain (dB)
Gain (dB)
Gain (dB)
Gain (dB)
Gain (dB)
Gain (dB)
VCNTLP–VCNTLM
LNA = 12 dB
LNA = 18 dB
LNA = 24 dB
LNA = 12 dB
LNA = 18 dB
LNA = 24 dB
(V)
PGA = 24 dB
PGA = 24 dB
PGA = 24 dB
PGA = 30 dB
PGA = 30 dB
PGA = 30 dB
0
36.45
42.45
48.45
42.25
48.25
54.25
0.1
33.91
39.91
45.91
39.71
45.71
51.71
0.2
30.78
36.78
42.78
36.58
42.58
48.58
0.3
27.39
33.39
39.39
33.19
39.19
45.19
0.4
23.74
29.74
35.74
29.54
35.54
41.54
0.5
20.69
26.69
32.69
26.49
32.49
38.49
0.6
17.11
23.11
29.11
22.91
28.91
34.91
0.7
13.54
19.54
25.54
19.34
25.34
31.34
0.8
10.27
16.27
22.27
16.07
22.07
28.07
0.9
6.48
12.48
18.48
12.28
18.28
24.28
1.0
3.16
9.16
15.16
8.96
14.96
20.96
1.1
–0.35
5.65
11.65
5.45
11.45
17.45
1.2
–2.48
3.52
9.52
3.32
9.32
15.32
1.3
–3.58
2.42
8.42
2.22
8.22
14.22
1.4
–4.01
1.99
7.99
1.79
7.79
13.79
1.5
–4
2
8
1.8
7.8
13.8
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com