Electronic Components Datasheet Search
  English  ▼

X  

AFE5803ZCF Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5803ZCF
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5803ZCF Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE5803ZCF Datasheet HTML 17Page - Texas Instruments AFE5803ZCF Datasheet HTML 18Page - Texas Instruments AFE5803ZCF Datasheet HTML 19Page - Texas Instruments AFE5803ZCF Datasheet HTML 20Page - Texas Instruments AFE5803ZCF Datasheet HTML 21Page - Texas Instruments AFE5803ZCF Datasheet HTML 22Page - Texas Instruments AFE5803ZCF Datasheet HTML 23Page - Texas Instruments AFE5803ZCF Datasheet HTML 24Page - Texas Instruments AFE5803ZCF Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A7
A6
A5
A4
A3
A2
A1
A0
SEN
SCLK
SDATA
RESET
DataLatchedOnRisingEdgeofSCLK
StartSequence
StartSequence
EndSequence
EndSequence
t
7
t
6
t
2
t
4
t
1
t
5
t
3
T0384-01
AFE5803
www.ti.com
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
LVDS Output Interface Description
AFE5803 has LVDS output interface which supports multiple output formats. The ADC resolutions can be
configured as 12bit or 14bit as shown in the LVDS timing diagrams Figure 56. The ADCs in the AFE5803 are
running at 14bit; 2 LSBs are removed when 12-bit output is selected; and two 0s are added at LSBs when 16-bit
output is selected. Appropriate ADC resolutions can be selected for optimizing system performance-cost
effectiveness. When the devices run at 16bit mode, higher end FPGAs are required to process higher rate of
LVDS data. Corresponding register settings are listed in Table 1.
Table 1. Corresponding Register Settings
LVDS Rate
12 bit (6X DCLK)
14 bit (7X DCLK)
16 bit (8X DCLK)
Reg 3 [14:13]
11
00
01
Reg 4 [2:0]
010
000
000
Description
2 LSBs removed
N/A
2 0s added at LSBs
SERIAL REGISTER TIMING
Serial Register Write Description
Programming of different modes can be done through the serial interface formed by pins SEN (serial interface
enable), SCLK (serial interface clock), SDATA (serial interface data) and RESET. All these pins have a pull-down
resistor to GND of 100k
Ω. Serial shift of bits into the device is enabled when SEN is low. Serial data SDATA is
latched at every rising edge of SCLK when SEN is active (low). The serial data is loaded into the register at
every 24th SCLK rising edge when SEN is low. If the word length exceeds a multiple of 24 bits, the excess bits
are ignored. Data can be loaded in multiple of 24-bit words within a single active SEN pulse (there is an internal
counter that counts groups of 24 clocks after the falling edge of SEN). The interface can work with the SCLK
frequency from 20 MHz down to low speeds (few Hertz) and even with non-50% duty cycle SCLK. The data is
divided into two main portions: a register address (8 bits) and the data itself (16 bits), to load on the addressed
register. When writing to a register with unused bits, these should be set to 0. Figure 57 illustrates this process.
Figure 57. SPI Timing
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com